Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3L1 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3L1
Description  150mW Bi-directional Trigger Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3L1 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LLDB3L1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3L1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLDB3L1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LLDB3-LLDB3TG
150mW Bi-directional Trigger Diode
Small Signal Diode
Electrical Characteristics
Min.
Typ.
Max.
Break-over Voltage Symmetry
C=
22nF
+ / -VBO Max.
Break-over Current
C=
22nF
IBO
Max.
Dynamic Breakover Voltage
IBO to IF=10mA
ΔV
Min.
VB=
IB
Max.
Output Voltage
VO
Min.
Tape & Reel specification
36
34
Type Number
LLDB3TG
LLDB3
+ / - 3
Break-over Voltage
C=
22nF
VBO
32
32
Embossment center
P1
2.00 ±0.05
Overall tape thickness
T
0.23±0.005
Punch hole position
F
3.50 ±0.05
P0
4.00 ±0.10
Sprocke hole pitch
Feed hole width
D2
13.0 ± 0.20
Sprocke hole position
E
1.75 ±0.10
Reel outside diameter
D
178 ± 1
Reel inner diameter
D1
55 Min
1.80 ±0.10
Sprocket hole
d
1.50 ± 0.10
1.83 ±0.10
Carrier length
B
3.73 ±0.10
Dimension
μA
10
V
15
μA
100
Symbol
V
Units
+ / - 2
28
30
V
8.00 ±0.30
Reel width
W1
14.4max
Leakage Current
0.5VBO (MAX)
Tape width
W
Item
Symbol
Carrier width
A
Carrier depth
C
*see diagram 1
5
V
59
Top Cover Tape
Carieer
Any Additional Label (If Required)
TSC label
Direction of Feed
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Version :
C10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com