Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3L1 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3L1
Description  150mW Bi-directional Trigger Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3L1 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LLDB3L1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3L1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLDB3L1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LLDB3-LLDB3TG
150mW Bi-directional Trigger Diode
Small Signal Diode
Rating and Characteristic Curves
VBO
:Break-Over Voltage
IBO
: Break-Over Current
ΔV
: Dynamic Breakover Voltage
IB
: Leakage Current at VB=0.5*VBO
VF
: Voltage at Current IF=10mA
0.1
1
10
100
1
10
100
tp (μs)
FIG 3 Repetitive peak pulse current versus pulse
duration (maximum values)
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
25
50
75
100
125
FIG 2 Relative variation of VBO versus junction
temperature (typical values)
Tj(°C)
Diagram 1: Test Circuit
ΔV
VBO
VB=0.5*VBO
VF
IF=10m
IBO
IB
Ambient Tempeatature (
oC)
FIG 1 Admissible Power Dissipation Curve
0
40
80
120
160
0
102030 405060708090 100 110 120 130
V
I
Version : C10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com