Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3L1 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3L1
Description  150mW Bi-directional Trigger Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3L1 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LLDB3L1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3L1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLDB3L1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LLDB3-LLDB3TG
150mW Bi-directional Trigger Diode
Small Signal Diode
Hermetically Sealed Glass.
All external surfaces are corrosion resistant and
terminals are readily solderable.
Min
Max
Min
Max
Case :MINI-MELF Package
3.30
3.70
0.130
0.146
1.40
1.60
0.055
0.063
0.20
0.50
0.008
0.020
Suggested PAD Layout
Ordering Information
Package
MINI-MELF
MINI-MELF
Maximum Ratings and Electrical Characteristics
Maximum Ratings
Notes:1. Valid provided that electrodes are kept at ambient temperature
2A
MINI-MELF (LL34)
mW
C
B
°C/W
RθJA
°C
TJ, TSTG
Units
PD
Power Dissipation
Symbol
150
Type Number
Value
A
2.5K / 7" Reel
2.5K / 7" Reel
Weight : 29 ± 2.5 mg
High temperature soldering guaranteed: 260°C/10s
Rating at 25°C ambient temperature unless otherwise specified.
-40 to + 125
IFRM
Part No.
LLDB3 L1
LLDB3TG L1
400
Thermal Resistance (Junction to Ambient) (Note 1)
20μsec
Repetitive Peak Forward Current
Terminal: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Packing
Junction and Storage Temperature Range
Pulse Width=
HERMETICALLY SEALED GLASS
Features
Unit (mm)
Unit (inch)
Surface device type mounting.
Dimensions
Mechanical Data
Matte Tin (Sn) Terminal Finish
Pb free version and RoHS compliant
2.00
0.079
2.50
0.098
1.25
0.049
0.197
5.00
C
B
A
Version : C10


Similar Part No. - LLDB3L1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLDB3L1 TSC-LLDB3L1 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
LLDB3L1G TSC-LLDB3L1G Datasheet
171Kb / 5P
150mW Bi-directional Trigger Diode
More results

Similar Description - LLDB3L1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DB-3 LRC-DB-3 Datasheet
55Kb / 4P
Bi-directional trigger diodes
logo
Taiwan Semiconductor Co...
DB3 TSC-DB3 Datasheet
85Kb / 2P
150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
TESDE5V0 TSC-TESDE5V0_09 Datasheet
85Kb / 2P
150mW,Bi-directional ESD Protection Diode
logo
Fairchild Semiconductor
DB3-DB3TG FAIRCHILD-DB3-DB3TG Datasheet
188Kb / 4P
150mW Bi-directional Trigger Diodes
logo
Taiwan Semiconductor Co...
DB3 TSC-DB3_10 Datasheet
221Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3-L1 TSC-LLDB3-L1 Datasheet
200Kb / 3P
150mW Bi-directional Trigger Diode
LLDB3 TSC-LLDB3_14 Datasheet
171Kb / 5P
150mW Bi-directional Trigger Diode
logo
SHIKUES Electronics
LLDB3 SKTECHNOLGY-LLDB3 Datasheet
600Kb / 3P
150mW Bi-directional Trigger Diode
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com