Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6266GU Datasheet(PDF) 12 Page - MOSA ELECTRONICS

Part # MS6266GU
Description  6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266GU Datasheet(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6266GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 12Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 13Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV 2
12/13
www.mosanalog.com
DEMO BOARD
版面說明
1.電源輸入:AVDD及DVCC兩組電源皆使用2.7V~6.5V。
2.控制鍵:
VOL+:音量控制鍵,每按一下此鍵+1dB,最大+16dB,當按下此鍵時指示燈(+)閃爍一次,音量控制達最
大(+16dB)時,則指示燈(+)保持在亮的狀態,系統啟動時之預設值為0dB。
VOL-:音量控制鍵,每按一下此鍵-1dB,最小-79dB,當壓下此鍵時指示燈(-)閃爍一次,音量控制達最
小(-79dB)時,則指示燈(-)保持在亮的狀態。
MUTE:MUTE ON/OFF 開關,系統啟動時為MUTE OFF。
CH:通道選擇鍵,作為選擇欲控制音量之通道(CH1~CH6或All Channel),選擇的通道如指示燈所示,當選
擇Channel 1則指示燈(CH1)亮,選擇All Channel時指示燈CH1~CH6)同時為亮,預設值為All
Channel。
RESET:MCU重置鍵,按下此鍵可重置MCU狀態,在此表示系統返回預設值。
3.輸入端:由左至右分別為IN1~IN6,請連接於訊號源。
4.輸出端:由左至右分別為OUT1~OUT6請接於後級功率放大器。
5.位址選擇:參考MS6266 Data sheet並請使用短路環決定AC1及AC2之準位以決定使用之位址,此Demo board
使用之位址為88H,如下圖所示。
H
AC2
L
AC1
H
L
4
1
5
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com