Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6266GU Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6266GU
Description  6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266GU Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6266GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 12Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 13Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV 2
9/13
www.mosanalog.com
Examples
Mute off
The initial condition is –79dB and mute on when power on. The first command must disable the mute function.
Data byte
MSB
ACK
Start
1
111
00
10
MS6266 Address
6 channels, Mute off
LSB
Stop
ACK
80H, 84H, 88H, 8CH
Set gain of 1
st channel at 0dB
ACK
Start
MS6266 Address
ACK
1000
0
0
00
Ch 1, -10dB/step, 0dB
1001
00
00
ACK
Ch 1, -1dB/step, 0dB
Stop
Set attenuation of 5
th channel at -6dB
ACK
Start
MS6266 Address
ACK
0110
0
0
00
Ch 5, -10dB/step, 0dB
0111
10
01
ACK
Ch 5, -1dB/step, -6dB
Stop
Set attenuation of 3
rd channel at –33dB
ACK
Start
MS6266 Address
ACK
0000
1
1
00
Ch 3, -10dB/step, -30dB
0001
11
00
ACK
Ch 3, -1dB/step, -3dB
Stop
Set gain of 3
rd channel at 3dB
ACK
Start
MS6266 Address
ACK
0000
0
1
10
Ch 3, +2dB/step, 4dB
0001
01
00
ACK
Ch 3, -1dB/step, -1dB
Stop
Odd gain 3dB = 2*2-1 = 2*(+2dB)+(-1dB)
Set power off preparation command to prevent pop noise before power is off.
ACK
Start
MS6266 Address
ACK
1
1
1
1
0
1
00
Power off preparation
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com