Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6266GU Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6266GU
Description  6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266GU Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6266GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 10Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 11Page - MOSA ELECTRONICS MS6266GU Datasheet HTML 12Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV 2
8/13
www.mosanalog.com
Data bytes description
Function bits
MSB
LSB
Function
1
1
1
0
A3
A2
A1
A0
6 channels, -1dB/step
1
1
0
1
B3
B2
B1
B0
6 channels, -10dB/step or +2dB/step
0
0
0
1
A3
A2
A1
A0
Channel 3, -1dB/step
0
0
0
0
B3
B2
B1
B0
Channel 3, -10dB/step or +2dB/step
0
0
1
1
A3
A2
A1
A0
Channel 4, -1dB/step
0
0
1
0
B3
B2
B1
B0
Channel 4, -10dB/step or +2dB/step
0
1
0
1
A3
A2
A1
A0
Channel 2, -1dB/step
0
1
0
0
B3
B2
B1
B0
Channel 2, -10dB/step or +2dB/step
0
1
1
1
A3
A2
A1
A0
Channel 5, -1dB/step
0
1
1
0
B3
B2
B1
B0
Channel 5, -10dB/step or +2dB/step
1
0
0
1
A3
A2
A1
A0
Channel 1, -1dB/step
1
0
0
0
B3
B2
B1
B0
Channel 1, -10dB/step or +2dB/step
1
0
1
1
A3
A2
A1
A0
Channel 6, -1dB/step
1
0
1
0
B3
B2
B1
B0
Channel 6, -10dB/step or +2dB/step
0
0
0
1
Power off preparation (pop noise free)
1
0
0
1
6 channels, mute On
1
1
1
1
1
0
0
0
6 channels, mute Off
Gain / Attenuation bits
A3
A2
A1
A0
Gain / Attenuation value (dB)
B3
B2
B1
B0
A
B
0
0
0
0
0
0
0
0
0
1
-1
-10
0
0
1
0
-2
-20
0
0
1
1
-3
-30
0
1
0
0
-4
-40
0
1
0
1
-5
-50
0
1
1
0
-6
-60
0
1
1
1
-7
-70
1
0
0
0
-8
+2
1
0
0
1
-9
+4
1
0
1
0
-
+6
1
0
1
1
-
+8
1
1
0
0
-
+10
1
1
0
1
-
+12
1
1
1
0
-
+14
1
1
1
1
-
+16
1. Where Ax=-1dB/step, Bx=-10dB/step or +2dB/step, -10dB and +2dB should not be loaded at the same time.
2. The initial condition is set to be maximum attenuation –79dB and mute on mode when the power on.
3. The output will drop down to ground gradually when enable power off preparation.
4. Odd gain 2N-1= N*(+2dB/step) + (-1dB), where N = 1~8. Please reference to examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com