Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6313 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6313
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6313 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6313 Datasheet HTML 1Page - MOSA ELECTRONICS MS6313 Datasheet HTML 2Page - MOSA ELECTRONICS MS6313 Datasheet HTML 3Page - MOSA ELECTRONICS MS6313 Datasheet HTML 4Page - MOSA ELECTRONICS MS6313 Datasheet HTML 5Page - MOSA ELECTRONICS MS6313 Datasheet HTML 6Page - MOSA ELECTRONICS MS6313 Datasheet HTML 7Page - MOSA ELECTRONICS MS6313 Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MOSA
MS6313
16-Bits Stereo Audio DAC
REV6
3/8
www.mosanalog.com
LIMITING VALUES
Symbol
Parameter
Rating
Unit
VDD
Positive Supply Voltage
6.5
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
TESD
Electrostatic Handling
-2000 to 2000
V
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP8
210
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
-
6.5
V
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, f=1kHz, Cap=1uF; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VDC
Output DC level
2.45
2.5
2.55
V
VFS
Full scale output voltage
VFS=0.4VDD
1.8
2.0
2.2
Vpp
IQ
Quiescent current
At code 0000H
5.9
7
8.1
mA
IFS
Maximum operation current
VFS=0.4VDD
6.1
7.2
8.4
mA
CS
Channel separation
80
85
-
dB
l d I O l
Unbalance Between Outputs
note 1
-
0.2
0.3
dB
l
t d l
Time Delay Between Outputs
-
±0.2
-
µs
AC Characteristics
Res
Resolution
-
-
16
bits
-
-68
-63
dB
THD+N
Total harmonic distortion plus
noise
-
0.04
0.07
%
S/N
Signal-to-noise ratio
a-weighted at code 0000H
86
92
-
dB
Note : 1.Measured with 1kHz sinewave generated at sampling rate of 192 kHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com