Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6313 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6313
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6313 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6313 Datasheet HTML 1Page - MOSA ELECTRONICS MS6313 Datasheet HTML 2Page - MOSA ELECTRONICS MS6313 Datasheet HTML 3Page - MOSA ELECTRONICS MS6313 Datasheet HTML 4Page - MOSA ELECTRONICS MS6313 Datasheet HTML 5Page - MOSA ELECTRONICS MS6313 Datasheet HTML 6Page - MOSA ELECTRONICS MS6313 Datasheet HTML 7Page - MOSA ELECTRONICS MS6313 Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOSA
MS6313
16-Bits Stereo Audio DAC
REV6
5/8
www.mosanalog.com
TIMING AND DATA FORMAT
The MS6313 accepts input serial data formats of 16-bit word length. Left and right data words are time
multiplexed. The MSB (bit 1) must always be first. The format of data input is shown in Figs. 2 and 3. With a HIGH
level on the word select input (WS), data is placed in the left input register and with LOW level on the WS input, data is
placed in the right register (Fig. 1). The data in the input registers are simultaneously latched in the output registers
which control the bit switches. Internal bias currents IBL and IBR are each added to the full scale output current IFS in
order to achieve the maximum dynamic range at the outputs of OP1 and OP2(Fig. 1). The reference voltage Vref (Fig. 1)
is approximately 2/3 VDD. In this way the maximum dynamic range is achieved over the entire power supply range.
RIGHT
WS
BCK
DATA
LSB
MSB
t
r
t
HB
t
f
t
cr
t
LB
t
HW
t
SW
LEFT
t
SD
t
HD
Fig.2
Timing and input signals.
Data format (BCK, WS, DATA)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VIL
Input LOW level
-
-
0.8
V
VIH
Input HIGH level
2
-
-
V
l I IL l
Input Leakage Current LOW
VI = 0.8V
-
-
10
µA
l I IH l
Input Leakage Current HIGH
VI = 2.4V
-
-
10
µA
f
BCK
Input Clock Frequency
-
-
18.4
MHz
BR
Bit Rate Data Input
-
-
18.4
Mbits/s
f
WS
Word Select Input
-
-
384
kHz
t r
Rise Time
-
-
12
ns
t f
Fall Time
-
-
12
ns
t Cr
Bit Clock Cycle Time
54
-
-
ns
t HB
Bit Clock High Time
15
-
-
ns
t LB
Bit Clock Low Time
15
-
-
ns
t SD
Data Set-up Time
12
-
-
ns
t HD
Data Hold Time to Bit Clock
2
-
-
ns
t HW
Word Select Hold Time
2
-
-
ns
t SW
Word Select Set-up Time
12
-
-
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com