Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6313 Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6313
Description  16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6313 Datasheet(HTML) 8 Page - MOSA ELECTRONICS

  MS6313 Datasheet HTML 1Page - MOSA ELECTRONICS MS6313 Datasheet HTML 2Page - MOSA ELECTRONICS MS6313 Datasheet HTML 3Page - MOSA ELECTRONICS MS6313 Datasheet HTML 4Page - MOSA ELECTRONICS MS6313 Datasheet HTML 5Page - MOSA ELECTRONICS MS6313 Datasheet HTML 6Page - MOSA ELECTRONICS MS6313 Datasheet HTML 7Page - MOSA ELECTRONICS MS6313 Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MOSA
MS6313
16-Bits Stereo Audio DAC
REV6
8/8
www.mosanalog.com
Demoboard
Function description
Label 1: Supply Input
Supply voltage range is 2.7V to 6.5V.
Label 2: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm
Label 3: Digital Signal Inputs
Connected to digital audio formats as Right Justified.
Label 4: MS6313 output
Test point.
Circuit
1
2
J2
AVDD
+ C1
1u
+ C7
0.1u
AVDD
J3
OUTPUT
+ C6
10u
BCK
1
WS
2
DATA
3
GND
4
VDD
5
VoL
6
Cap
7
VoR
8
U1
MS6313
1
2
3
4
J1
INPUT
OUTA
1
-INA
2
+INA
3
Vss
4
+INB
5
-INB
6
OUTB
7
VDD
8
U3
MS6308
C4
0.1u
C8
0.1u
C3
470p
C10
470p
R4
20K
R5
20K
R2
51K
R6
20K
R3
20K
R1
51K
+ C2
10u
C5
47u
C9
47u
1
2
J4
test point
R7
1K
R9
1K
R8
1K
R11
1K
R10
1K
1
2
J5
HPo
1
3
4
2
BCK
WS
DATA
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com