Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG9411-R Datasheet(PDF) 4 Page - Seme LAB

Part # MG9411-R
Description  SILICON EPITAXIAL PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MG9411-R Datasheet(HTML) 4 Page - Seme LAB

  MG9411-R Datasheet HTML 1Page - Seme LAB MG9411-R Datasheet HTML 2Page - Seme LAB MG9411-R Datasheet HTML 3Page - Seme LAB MG9411-R Datasheet HTML 4Page - Seme LAB MG9411-R Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SILICON EPITAXIAL
PNP TRANSISTOR
MG9411, MG9411
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
TYPICAL CHARACTERISTICS CONTINUED
SILICON EPITAXIAL
PNP TRANSISTOR
MG9411-R
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-
CONTINUED (TA = 25°C unless otherwise stated)
-tt.com
Document Number 9099
Issue 1
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com