Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG9411-R Datasheet(PDF) 1 Page - Seme LAB

Part # MG9411-R
Description  SILICON EPITAXIAL PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MG9411-R Datasheet(HTML) 1 Page - Seme LAB

  MG9411-R Datasheet HTML 1Page - Seme LAB MG9411-R Datasheet HTML 2Page - Seme LAB MG9411-R Datasheet HTML 3Page - Seme LAB MG9411-R Datasheet HTML 4Page - Seme LAB MG9411-R Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILICON EPITAXIAL
PLANAR PNP TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9099
Issue 1
Page 1 of 5
MG9411, MG9411-R
TO-3P Plastic Package
Complimentary NPN – MG6331
Designed specifically for audio power amplifier applications
Highest Current audio bipolar available on the market with
widest Safe Operating Area in TO-3P package
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
MG9411
MG9411-R
VCBO
Collector – Base Voltage
-230V
-260V
VCEO
Collector – Emitter Voltage
-230V
-260V
VEBO
Emitter – Base Voltage
-5V
IC
Continuous Collector Current
-18A
IB
Base Current
-4A
PD
Total Power Dissipation at
TA = 25°C
300W
TJ
Maximum Junction Temperature
150°C
Tstg
Storage Temperature Range
-55 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
0.42
°C/W


Similar Part No. - MG9411-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MG9410 SEME-LAB-MG9410 Datasheet
609Kb / 5P
SILICON EPITAXIAL PLANAR PNP TRANSISTOR
MG9410-R SEME-LAB-MG9410-R Datasheet
609Kb / 5P
SILICON EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - MG9411-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com