Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG9411-R Datasheet(PDF) 2 Page - Seme LAB

Part # MG9411-R
Description  SILICON EPITAXIAL PNP TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MG9411-R Datasheet(HTML) 2 Page - Seme LAB

  MG9411-R Datasheet HTML 1Page - Seme LAB MG9411-R Datasheet HTML 2Page - Seme LAB MG9411-R Datasheet HTML 3Page - Seme LAB MG9411-R Datasheet HTML 4Page - Seme LAB MG9411-R Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILICON EPITAXIAL
PNP TRANSISTOR
MG9411, MG9411-R
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9099
Issue 1
Page 2 of 5
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
ICBO
Collector-Cut-Off Current
MG9411
VCB = -230V
-10
µA
MG9411-R
VCB = -260V
IEBO
Emitter-Cut-Off-Current
VEB = -5V
-10
µA
V(BR)CEO
Collector-Base Breakdown
Voltage
IC = -25mA
MG9411
-230
V
MG9411-R
-260
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -5A
IB = -0.5A
-0.5
V
hFE
Forward-current transfer
ratio
IC = -5A
VCE = -4V
70
140
DYNAMIC CHARACTERISTICS
fT
Transition Frequency
IE = 2A
VCE = -12V
35
MHz
COB
Output Capacitance
VCB = -10V
f = 1.0MHz
500
pF
Notes
Notes
Notes
Notes
Pulse Width ≤ 300us, δ ≤ 2%t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com