Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050YAST Datasheet(PDF) 1 Page - Emerson Network Power

Part # PTH05050YAST
Description  3.3/5/12 Vin
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH05050YAST Datasheet(HTML) 1 Page - Emerson Network Power

  PTH05050YAST Datasheet HTML 1Page - Emerson Network Power PTH05050YAST Datasheet HTML 2Page - Emerson Network Power PTH05050YAST Datasheet HTML 3Page - Emerson Network Power PTH05050YAST Datasheet HTML 4Page - Emerson Network Power PTH05050YAST Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
PTHxx050Y
3.3/5/12 Vin
Special Features
• VTT bus termination output
(outputthesystemVREF)
• 6Aoutputcurrent(8Apeak)
• 3.3,5,or12Vdcinputvoltage
• DDRandQDRcompatible
• ON/OFFinhibit(forVTT stand-
by)
• Under-voltagelockout
• Operatingtemperaturerange:
-40°Cto+85°C
• Efficienciesupto88%
• Outputovercurrentprotection
(non-latching,auto-reset)
• Point-of-Load-Alliance(POLA)
compatible
• AvailableRoHScompliant
• 2YearWarranty
Total Power:
10.8Watts
# of Outputs:
Single
Safety
UL/cULCAN/CSA-C22.2
No.60950
FileNo.E174104
TÜVProductService
(EN60950)CertificateNo.
B040638572044
CBReportandCertificate
toIEC60950,CertificateNo.
US/8292/UL
•
•
•
Rev.3.23.09_137
PTHxx050YSeries
1of5
Specifications
Allspecificationsaretypicalatnominalinput,VREF=1.25V, fullloadat25°Cunlessotherwisestated
Cin,Co1,CCo2=typicalvalue
Input
Inputcurrent:
Noload
10mA
Inputvoltagerange:
PTH03050Y
PTH05050Y
PTH12050Y
2.95-3.65Vdc
4.5-5.5Vdc
10.8-13.2Vdc
Undervoltagelockout:
PTH03050Y
Vinincreasing
Vindecreasing
2.45Vtyp.,2.80Vmax.
2.20Vmin.,2.40Vtyp.
PTH05050Y
Vinincreasing
Vindecreasing
4.30Vtyp.,4.45Vmax.
3.40Vmin.,3.70Vtyp.
PTH12050Y
Vinincreasing
Vindecreasing
9.5Vtyp.,10.4Vmax.
8.80Vmin.,9.0Vtyp.
Inputcapacitance:
(SeeNote4,page3)
PTH03050Y&PTH05050Y
PTH12050Y
470µF
560µF
RemoteON/OFF:
Activehigh


Similar Part No. - PTH05050YAST

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH05050YAST ARTESYN-PTH05050YAST Datasheet
220Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Emerson Network Power
PTH05050YAST EMERSON-NETWORKPOWER-PTH05050YAST Datasheet
220Kb / 4P
DC-DC CONVERTERS
More results

Similar Description - PTH05050YAST

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
PTH12050WAST EMERSON-NETWORKPOWER-PTH12050WAST Datasheet
855Kb / 5P
12 Vin
PTH03050Y EMERSON-NETWORKPOWER-PTH03050Y_09 Datasheet
580Kb / 5P
PTHxx050Y 3.3/5/12 Vin
logo
Analog Devices
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
logo
Artesyn Technologies
PTH04040W ARTESYN-PTH04040W_15 Datasheet
604Kb / 4P
3.3 / 5.0 Vin Single Output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com