Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D131ARJZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM6306D131ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D131ARJZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM6306D131ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM6305/ADM6306
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
V
CC
−0.3 V to +6 V
All Pins (Except V
CC)
−0.3 V to (V
CC + 0.3 V)
Input/Output Current
20 mA
Rate of Rise, V
CC
100 V/µs
Storage Temperature Range
−65°C to +160°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 3.
Package Type
θ
JA
Unit
5-Lead SOT-23
240
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com