Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D131ARJZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM6306D131ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D131ARJZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM6306D131ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6306D131ARJZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM6305/ADM6306
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
6.0
3.0
3.5
4.0
4.5
5.0
5.5
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
VCC = 2.5V
VCC = 3.5V
VCC = 4.5V
VCC = 5.5V
Figure 5. Supply Current vs. Temperature
1.10
0.85
0.90
0.95
1.00
1.05
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
Figure 6. Reset Timeout vs. Temperature
1.010
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
Figure 7. Reset Threshold vs. Temperature
90
80
70
60
50
40
30
20
10
0
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
1mV/1µs
10mV/1µs
Figure 8. VCC Falling Propagation Delay vs. Temperature
10k
1k
100
10
1
0
400
800
1200
OVERDRIVE, VTH – VCC (mV)
TRANSIENT DURATION
(µs) VTH = 5V
TRANSIENT DURATION
(µs) VTH = 2.5V
Figure 9. Maximum Transient Duration vs. VCC Reset Threshold Overdrive
120
0
20
40
60
80
100
–40
–20
0
20
40
60
80
100
120
125
TEMPERATURE (°C)
1mV/1µs
10mV/1µs
Figure 10. RST IN(VTH = 1.23 V) Falling Propagation Delay vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com