Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D131ARJZ-R7 Datasheet (PDF) - Analog Devices

ADM6306D131ARJZ-R7 Datasheet PDF - Analog Devices
Part # ADM6306D131ARJZ-R7
Download  ADM6306D131ARJZ-R7 Download
File Size   199.31 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiple Input Programmable Supervisory ICs

ADM6306D131ARJZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM6306D131ARJZ-R7 Datasheet PDF - Analog Devices

Part # ADM6306D131ARJZ-R7
Download  ADM6306D131ARJZ-R7 Click to download

File Size   199.31 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiple Input Programmable Supervisory ICs

ADM6306D131ARJZ-R7 Datasheet (HTML) - Analog Devices


ADM6306D131ARJZ-R7 Product details

GENERAL DESCRIPTION
The ADM6305/ADM6306 are dual voltage supervisors designed to monitor two supplies and provide a reset signal to DSP- and microprocessor-based systems. Low supply current and a small form factor make these devices suitable for portable and battery operated applications.

FEATURES
    Adjustable input threshold voltage options: 0.4 V and 1.23 V
    Pretrimmed VCC threshold options (ADM6306) Increments between 2.5 V and 5 V
    Manual reset input (ADM6306)
    4 factory programmed reset timeout delays 1 ms, 20 ms, 140 ms, and 1.12 sec (minimum)
    Reset output stage: active low, open drain
    Low power consumption: 5 µA typical
    Power supply glitch immunity
    5-lead SOT-23 package
    Temperature range: −40°C to +125°C

APPLICATIONS
    Portable/battery operated equipment
    Microprocessor systems
    Multivoltage applications




Similar Part No. - ADM6306D131ARJZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6306D131ARJZ-R7 AD-ADM6306D131ARJZ-R7 Datasheet
247Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. A
More results


Similar Description - ADM6306D131ARJZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
Multiple Voltage Supervisory ICs
August 17, 2010
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
520Kb / 13P
Multiple Voltage Supervisory ICs
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
Multiple Input Programmable Supervisory ICs
REV. A
logo
Maxim Integrated Produc...
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
Programmable Controllers AC/DC-Input Module Hybrid ICs
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
Multiple Voltage Supervisory ICs
logo
Toshiba Semiconductor
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
Programmable Controllers AC/DC-Input Module Hybrid ICs
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com