Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D331ARJZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6306D331ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D331ARJZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADM6306D331ARJZ-R7 Datasheet HTML 1Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM6305/ADM6306
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VCC = 2.5 V to 5 V for the ADM6305, VCC = (VTH + 2.5%) to 5.5 V for the ADM6306. TA = −40°C to +125°C, unless otherwise noted.
Typical values are at TA = 25°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING VOLTAGE RANGE, VCC1
0.9
5.5
V
0.9
V
VCC that guarantees valid output
INPUT CURRENT, ICC
5
16
µA
VCC = 5.5 V, TA = −40°C to +85°C
5
20
µA
VCC = 5.5 V, TA = −40°C to +125°C
VCC THRESHOLD VOLTAGE (ADM6306)2
VTH − 1%
VTH
VTH + 1%
V
TA = 25°C
VTH − 1.5%
VTH
VTH + 1.5%
V
TA = −40°C to +85°C
VTH − 2.5%
VTH
VTH + 2.5%
V
TA = −40°C to +125°C
RESET THRESHOLD TEMPERATURE COEFFICIENT
25
ppm/°C
RESET THRESHOLD HYSTERESIS (VHYST)
2 × VTH
mV
RESET TIMEOUT PERIOD (tRP)
ADM630xD1
1.0
1.4
2.0
ms
ADM630xD2
20
28
40
ms
ADM630xD3
140
200
280
ms
ADM630xD4
1120
1570
2240
ms
RESET OUTPUT VOLTAGE (VOL)
0.4
V
VCC > 4.25 V, ISINK = 3.2 mA
0.3
V
VCC > 2.5 V, ISINK = 1.2 mA
0.3
V
VCC > 1.2 V, ISINK = 500 μA
0.3
V
VCC > 1 V, ISINK = 50 μA
0.3
V
VCC > 0.9 V, ISINK = 25 μA
MR INPUT (ADM6306)
VIL
0.8
V
VTH > 4.0 V
0.3 × VCC
V
VTH < 4.0 V
VIH
2.4
V
VTH > 4.0 V
0.7 × VCC
V
VTH < 4.0 V
MR Minimum Input Pulse Width
1
µs
TA = 0°C to +70°C
1.5
µs
TA = −40°C to +125°C
MR Glitch Rejection
0.1
µs
MR To Reset Delay
500
ns
MR Pull-Up Resistance
32
63.5
100
kΩ
1.23 V ADJUSTABLE RESET COMPARATOR INPUT
RST INx Input Threshold, VRSTH
1.22
1.23
1.24
V
TA = 25°C
1.211
1.23
1.249
TA = −40°C to +85°C
1.20
1.26
V
TA = −40°C to +125°C
RST INx Input Current, IRSTINx
−25
+25
nA
0 V < VRST IN < VCC – 0.3 V3, TA = −40°C to +85°C
−25
+25
nA
VRST IN = VRSTH
RST INx Hysteresis
2.5
mV
0.4 V ADJUSTABLE RESET COMPARTOR INPUT
RST INx Input Threshold, VRSTH
0.396
0.40
0.404
V
TA = 25°C
0.394
0.40
0.406
V
TA = −40°C to +85°C
0.39
0.40
0.41
V
TA = −40°C to +125°C
RST INx Input Current, IRSTINx
−25
+25
nA
0 V < VRST INx < VCC – 0.3 V3, TA = −40°C to +85°C
−25
+25
nA
VRST IN = VRSTH
1 The ADM6305 switches from undervoltage reset to normal operation when 1.5 V > V
CC < 2.5 V.
2 The AMD6306 monitors V
CC through an internal factory trimmed voltage divider, which programs the nominal reset threshold. Factory-trimmed reset thresholds are
available in approximately 100 mV increments from 2.5 V to 5 V.
3 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com