Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D331ARJZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM6306D331ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D331ARJZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM6306D331ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM6305/ADM6306
Rev. 0 | Page 10 of 12
ADM6305D_ARJZ_-RL7
RESET TIMEOUT PERIOD CODE (1 TO 4)
TEMPERATURE RANGE
A: –40°C TO +125°C
PACKAGE DESIGNATOR
RJ = SOT-23
Z = LEAD-FREE
PACKING MATERIAL
RL7 = 7” TAPE & REEL
(3000 PIECE QUANTITY)
RST IN1 & RST IN2 ADJUSTABLE THRESHOLD
1:0.4V & 0.4V
BLANK: 1.23V & 1.23V
Figure 16. ADM6305 Ordering Code Structure
ADM6306D_ _ _ARJZ_R7
RESET TIMEOUT (1 TO 4)
RESET THRESHOLD NUMBER
(SEE TABLE 6)
TEMPERATURE RANGE
A: –40°C TO +125°C
PACKAGE DESIGNATOR
RJ = SOT-23
Z = LEAD-FREE
PACKING MATERIAL
R7 = 7” TAPE & REEL
(3000 PIECE QUANTITY)
RST IN ADJUSTABLE THRESHOLD
1:0.4V
DASH: 1.23V
Figure 17. ADM6306 Ordering Code Structure
Table 9. Standard Models
Model
Monitored Input Threshold
Minimum Reset Timeout
RST IN1
RST IN2
VCC Reset
RST IN
ADM6305D3ARJZ-RL7
1.23 V
1.23 V
N/A
N/A
140 ms
ADM6305D3ARJZ1-RL7
0.4 V
0.4 V
N/A
N/A
140 ms
ADM6306D131ARJZ-R7
N/A
N/A
3.08 V
1.23 V
1 ms
ADM6306D131ARJZ1R7
N/A
N/A
3.08 V
0.4 V
1 ms
ADM6306D331ARJZ-R7
N/A
N/A
3.08 V
1.23 V
140 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com