Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6306D331ARJZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM6306D331ARJZ-R7
Description  Multiple Input Programmable Supervisory ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6306D331ARJZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM6306D331ARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 9Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 10Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 11Page - Analog Devices ADM6306D331ARJZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM6305/ADM6306
Rev. 0 | Page 9 of 12
OPTIONS
Table 6. ADM6306 VCC Reset Voltage Threshold Options
Reset Threshold Number
T
A = 25°C
T
A= −40°C to +125°C
Unit
Min
Typ
Max
Min
Max
25
2.463
2.5
2.538
2.438
2.563
V
26
2.591
2.63
2.669
2.564
2.696
V
27
2.66
2.7
2.741
2.633
2.768
V
28
2.758
2.8
2.842
2.73
2.87
V
29
2.886
2.93
2.974
2.857
3
V
30
2.955
3
3.045
2.925
3.075
V
31
3.034
3.08
3.126
3.003
3.157
V
32
3.152
3.2
3.248
3.12
3.28
V
33
3.251
3.3
3.35
3.218
3.383
V
34
3.349
3.4
3.451
3.315
3.485
V
35
3.448
3.5
3.553
3.413
3.588
V
36
3.546
3.6
3.654
3.51
3.69
V
37
3.645
3.7
3.756
3.608
3.793
V
38
3.743
3.8
3.857
3.705
3.895
V
39
3.842
3.9
3.959
3.803
3.998
V
40
3.94
4
4.06
3.9
4.1
V
41
4.039
4.1
4.162
3.998
4.203
V
42
4.137
4.2
4.263
4.095
4.305
V
43
4.236
4.3
4.365
4.193
4.408
V
44
4.314
4.38
4.446
4.27
4.49
V
45
4.433
4.5
4.568
4.388
4.613
V
46
4.561
4.63
4.699
4.514
4.746
V
47
4.63
4.7
4.771
4.583
4.818
V
48
4.728
4.8
4.872
4.68
4.92
V
49
4.827
4.9
4.974
4.778
5.023
V
50
4.925
5.0
5.075
4.875
5.125
V
Table 7. Reset Timeout Options
Reset Timeout Period Code
T
A= −40°C to +125°C
Unit
Min
Typ
Max
ADM630xD1
1.0
1.4
2.0
ms
ADM630xD2
20
28
40
ms
ADM630xD3
140
200
280
ms
ADM630xD4
1120
1570
2240
ms
Table 8. Adjustable Input Threshold Options
Model
Monitored Input Threshold
RST IN1
RST IN2
RST IN
ADM6305_ _ _ _ _Z-RL7
1.23 V
1.23 V
N/A
ADM6305_ _ _ _ _Z1-RL7
0.4 V
0.4 V
N/A
ADM6306_ _ _ _ _ _ _Z-R7
N/A
N/A
1.23 V
ADM6306_ _ _ _ _ _ _Z1-R7
N/A
N/A
0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com