Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPWR-AN08 Datasheet(PDF) 2 Page - Cree, Inc

Part # CPWR-AN08
Description  Application Considerations for Silicon Carbide MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPWR-AN08 Datasheet(HTML) 2 Page - Cree, Inc

  CPWR-AN08 Datasheet HTML 1Page - Cree, Inc CPWR-AN08 Datasheet HTML 2Page - Cree, Inc CPWR-AN08 Datasheet HTML 3Page - Cree, Inc CPWR-AN08 Datasheet HTML 4Page - Cree, Inc CPWR-AN08 Datasheet HTML 5Page - Cree, Inc CPWR-AN08 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Application Considerations for SiC MOSFETs
January 2011
CPWR-AN08, REV -
Application Considerations for SiC MOSFETs -
January 2011
This document is provided for informational purposes only and is not a warranty or a specification.
For product specifications, please see the data sheets available at www.cree.com/power. For warranty
information, please contact Cree Sales at PowerSales@cree.com.
SiC MOSFET
Figure 1: O
The modest transconductance and short
device. The CMF20120D needs to be driven with a higher gate voltage swing than what is customary
with SJMOSFETS or IGBTs. Presently,
for the CMF20120D. Care needs to be taken not to exceed
of gate voltage will have a greater effect on the rate of rise of the drain current due to the
transconductance. Therefore, the gate drive needs to supply a fast rise and fall time gate pulse to
maximize switching speed. The CMF20120D
(2V nominal). Like the Si SJMOSFET, consideration
especially at high temperatures.
The rather large triode region can have
active de-saturation circuits. Some of these designs assume t
impedance constant current and/or tran
CMF20120D , the output impedance is lower and the
region during this type of over-current fault
drain to source voltage will not increase as much
carefully considered in fault protection schemes.
The forward conduction characteristics of the
IGBTs are presented in Figure 2. T
RDS(on) has a considerable effect on its conduction losses.
were somewhat similar. At 150 °C,
°C to 150 °C, whereas both the Si SJMOSFET and Si MOS8 devices
significant effect on system thermal design. The obvious advantage is that a smaller device can be used
at higher operating temperatures.
2
Si NPT IGBT
: Output characteristics comparison (TJ = 150 °C)
ance and short-channel effects are important to consider when applying the
needs to be driven with a higher gate voltage swing than what is customary
with SJMOSFETS or IGBTs. Presently, a +20V and -2V to -5V negative bias gate drive is recommended
Care needs to be taken not to exceed -5V in the negative direction
of gate voltage will have a greater effect on the rate of rise of the drain current due to the
transconductance. Therefore, the gate drive needs to supply a fast rise and fall time gate pulse to
CMF20120D also has a threshold voltage similar to the Si SJMOSFET
(2V nominal). Like the Si SJMOSFET, considerations need to be made for the lower threshold voltage,
have an impact on certain types of fault detection schemes, chiefly the
saturation circuits. Some of these designs assume that the switching device enters a fairly high
and/or transconductance saturation region during over-current
, the output impedance is lower and the device does not go into a clean constant current
current fault, especially under moderate over-currents. Therefore, the
not increase as much. These characteristics of the SiC MOSFET need
carefully considered in fault protection schemes.
The forward conduction characteristics of the CMF20120D along with the Si SJMOSFET,
The Si SJMOSFET’s relatively high positive temperature coefficient of
considerable effect on its conduction losses. At 25 °C, the Si SJMOSFET and
the RDS(on) of the CMF20120D increases by only about 20% from 25
whereas both the Si SJMOSFET and Si MOS8 devices increase by 250%.
significant effect on system thermal design. The obvious advantage is that a smaller device can be used
Si NPT IGBT
channel effects are important to consider when applying the
needs to be driven with a higher gate voltage swing than what is customary
gate drive is recommended
5V in the negative direction. The rate of rise
of gate voltage will have a greater effect on the rate of rise of the drain current due to the lower
transconductance. Therefore, the gate drive needs to supply a fast rise and fall time gate pulse to
also has a threshold voltage similar to the Si SJMOSFET
s need to be made for the lower threshold voltage,
impact on certain types of fault detection schemes, chiefly the
hat the switching device enters a fairly high
current faults. For the
device does not go into a clean constant current
. Therefore, the
. These characteristics of the SiC MOSFET need to be
Si SJMOSFET, TFS, and NPT
temperature coefficient of
Si SJMOSFET and CMF20120D
only about 20% from 25
ase by 250%. This has a
significant effect on system thermal design. The obvious advantage is that a smaller device can be used



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com