Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPWR-AN08 Datasheet(PDF) 1 Page - Cree, Inc

Part # CPWR-AN08
Description  Application Considerations for Silicon Carbide MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPWR-AN08 Datasheet(HTML) 1 Page - Cree, Inc

  CPWR-AN08 Datasheet HTML 1Page - Cree, Inc CPWR-AN08 Datasheet HTML 2Page - Cree, Inc CPWR-AN08 Datasheet HTML 3Page - Cree, Inc CPWR-AN08 Datasheet HTML 4Page - Cree, Inc CPWR-AN08 Datasheet HTML 5Page - Cree, Inc CPWR-AN08 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
Application Considerations for SiC MOSFETs
January 2011
1
Application Considerations for Silicon Carbide MOSFETs
Author: Bob Callanan, Cree, Inc.
Introduction:
The silicon carbide (SiC) MOSFET has unique capabilities that make it a superior switch when compared
to its silicon counterparts. The advantages of SiC MOSFETs have been documented extensively in the
literature [1]. However, there are some unique operating characteristics that need to be understood so
that the device can be used to its full potential.
Discussion:
The key to successfully applying the SiC MOSFET requires an understanding of the device’s unique
operating characteristics. In this section, the characteristics of Cree’s 1200V 80mΩ SiC MOSFET
(CMF20120D) will be discussed. Comparisons will be made with other similar silicon devices along with
application implications. The intention of this comparison is to illustrate the differences in operating
characteristics, not to pick the best device. The comparison silicon devices are as follows:
•
900V, 0.12
 Si super junction MOSFET (SJMOSFET) Infineon IPW90R120C3 [2]
•
1.2 kV, 20 A trench/field stop (TFS) Si IGBT Fairchild FGA20N120FGD [3]
•
1.2 kV, 20 A non-punch though (NPT) Si IGBT International Rectifier IRGP20B120U [4]
•
1.2 kV, 0.30
 Si MOSFET (Si MOS8) Microsemi APT34M120J [5]
The devices selected for comparison are representative of commercially available Si IGBTs and
MOSFETs with voltage and current ratings similar to the CMF20120D. The TFS IGBT is representative of
a low on-voltage device and the NPT IGBT is representative of a low turn-off loss device. The Si MOS8 is
representative of a commercially available 1.2kV Si MOSFET. Lastly, although not a 1.2kV device, the
900V SJMOSFET data was included for comparison purposes. All comparisons were made with
measured data except in the case of the SJMOSFET. Data sheet values were used.
Consider the output characteristics of a typical Cree CMF20120D and the Si TFS IGBT shown in Figure
1. For the CMF20120D, the transition from triode (ohmic) to saturation (constant current) regions is not
as clearly defined as it is for the Si TFS IGBT. This is a result of the modest transconductance of the
device. The modest amount of transconductance causes the transition from triode to saturation to be
spread over a wider range of drain current. The result is that the CMF20120D behaves more like a
voltage controlled resistance than a voltage controlled current source.
Discussion
Introduction
Application Considerations for Silicon Carbide
MOSFETs
Bob Callanan, Cree Inc


Similar Part No. - CPWR-AN08

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
SiC MOSFET Isolated Gate Driver
CPWR-AN45 CREE-CPWR-AN45 Datasheet
5Mb / 28P
Dynamic Preformance Application
More results

Similar Description - CPWR-AN08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400 INFINEON-BCR400 Datasheet
94Kb / 3P
Application Considerations for the Integrated Bias Control Circuits
2000-07-27
logo
Toshiba Semiconductor
TW015N65C TOSHIBA-TW015N65C Datasheet
523Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.1.0
TW015N120C TOSHIBA-TW015N120C Datasheet
528Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.2.0
TW027N65C TOSHIBA-TW027N65C Datasheet
527Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.1.0
TW030N120C TOSHIBA-TW030N120C Datasheet
525Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.2.0
TW045N120C TOSHIBA-TW045N120C Datasheet
520Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.1.0
TW048N65C TOSHIBA-TW048N65C Datasheet
521Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.1.0
TW060N120C TOSHIBA-TW060N120C Datasheet
521Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-15 Rev.1.0
TW083N65C TOSHIBA-TW083N65C Datasheet
850Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-16 Rev.1.0
TW107N65C TOSHIBA-TW107N65C Datasheet
848Kb / 10P
MOSFETs Silicon Carbide N-Channel MOS
2022-06-17 Rev.1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com