Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPWR-AN08 Datasheet(PDF) 3 Page - Cree, Inc

Part # CPWR-AN08
Description  Application Considerations for Silicon Carbide MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPWR-AN08 Datasheet(HTML) 3 Page - Cree, Inc

  CPWR-AN08 Datasheet HTML 1Page - Cree, Inc CPWR-AN08 Datasheet HTML 2Page - Cree, Inc CPWR-AN08 Datasheet HTML 3Page - Cree, Inc CPWR-AN08 Datasheet HTML 4Page - Cree, Inc CPWR-AN08 Datasheet HTML 5Page - Cree, Inc CPWR-AN08 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Application Considerations for SiC MOSFETs
January 2011
CPWR-AN08, REV -
Application Considerations for SiC MOSFETs -
January 2011
This document is provided for informational purposes only and is not a warranty or a specification.
For product specifications, please see the data sheets available at www.cree.com/power. For warranty
information, please contact Cree Sales at PowerSales@cree.com.
TJ = 25 °C
Figure 2: Forward conduction characteristics
One of the key advantages to SiC is the high temperature capability afforded by the wide bandgap. This
is clearly reflected in the leakage current comparison at elevated temperature shown in Figure 3. The
CMF20120D has about 20x lower leakage current at 150 °
current increases dramatically, to the point where the device fails due to excess power dissipation. The
CMF20120D leakage current is still acceptable
devices.
TJ = 150 ˚C
Figure 3: High temperature leakage current comparison
As previously mentioned, the recommended gate drive voltage for the
5V negative bias. However, the amount of gate charge required to switch the device is low. The
1E-7
1E-6
1E-5
1E-4
1E-3
1E-2
1E-1
0
200
400
600
VDS, VCE (V)
4
TJ = 150 °C
: Forward conduction characteristics comparison (VGS = 20V, VGE = 15V)
One of the key advantages to SiC is the high temperature capability afforded by the wide bandgap. This
is clearly reflected in the leakage current comparison at elevated temperature shown in Figure 3. The
has about 20x lower leakage current at 150 °C. At 200 °C, the Si comparison parts leakage
current increases dramatically, to the point where the device fails due to excess power dissipation. The
leakage current is still acceptable at this temperature and is over 100x lower than the Si
TJ = 200 ˚C
Figure 3: High temperature leakage current comparison
As previously mentioned, the recommended gate drive voltage for the CMF20120D is +
. However, the amount of gate charge required to switch the device is low. The
800
1000
1200
(V)
TFS IGBT
= 15V)
One of the key advantages to SiC is the high temperature capability afforded by the wide bandgap. This
is clearly reflected in the leakage current comparison at elevated temperature shown in Figure 3. The
°C, the Si comparison parts leakage
current increases dramatically, to the point where the device fails due to excess power dissipation. The
over 100x lower than the Si
+20V and -2V to -
. However, the amount of gate charge required to switch the device is low. The



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com