Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6470
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6470 Datasheet HTML 5Page - STMicroelectronics L6470 Datasheet HTML 6Page - STMicroelectronics L6470 Datasheet HTML 7Page - STMicroelectronics L6470 Datasheet HTML 8Page - STMicroelectronics L6470 Datasheet HTML 9Page - STMicroelectronics L6470 Datasheet HTML 10Page - STMicroelectronics L6470 Datasheet HTML 11Page - STMicroelectronics L6470 Datasheet HTML 12Page - STMicroelectronics L6470 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
L6470
Electrical data
Doc ID16737 Rev 4
9/70
2
Electrical data
2.1
Absolute maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VDD
Logic interface supply voltage
5.5
V
VS
Motor supply voltage
VSA = VSB = VS
48
V
VGND, diff
Differential voltage between AGND,
PGND and DGND
±0.3
V
Vboot
Bootstrap peak voltage
55
V
VREG
Internal voltage regulator output pin
and logic supply voltage
3.6
V
VADCIN
Integrated ADC input voltage range
(ADCIN pin)
-0.3 to +3.6
V
VOSC
OSCIN and OSCOUT pin voltage
range
-0.3 to +3.6
V
Vout_diff
Differential voltage between VSA,
OUT1A, OUT2A, PGND and VSB,
OUT1B, OUT2B, PGND pins
VSA = VSB = VS
48
V
VLOGIC
Logic inputs voltage range
-0.3 to +5.5
V
Iout
(1)
R.m.s. output current
3
A
Iout_peak
(1)
Pulsed output current
TPULSE < 1 ms
7
A
TOP
Operating junction temperature
150
°C
Ts
Storage temperature range
-55 to 150
°C
Ptot
Total power dissipation (TA = 25 ºC)
(2)
5W
1.
Maximum output current limit is related to metal connection and bonding characteristics. Actual limit must satisfy maximum
thermal dissipation constraints.
2.
HTSSOP28 mounted on EVAL6470H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com