Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6470
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6470 Datasheet HTML 42Page - STMicroelectronics L6470 Datasheet HTML 43Page - STMicroelectronics L6470 Datasheet HTML 44Page - STMicroelectronics L6470 Datasheet HTML 45Page - STMicroelectronics L6470 Datasheet HTML 46Page - STMicroelectronics L6470 Datasheet HTML 47Page - STMicroelectronics L6470 Datasheet HTML 48Page - STMicroelectronics L6470 Datasheet HTML 49Page - STMicroelectronics L6470 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
Programming manual
L6470
46/70
Doc ID16737 Rev 4
9.1.16
ADC_OUT
The ADC_OUT register contains the result of the analog-to-digital conversion of the ADCIN
pin voltage; the result is available even if the supply voltage compensation is disabled.
Any attempt to write to the register causes the command to be ignored and the
NOTPERF_CMD flag to rise (see Section 9.1.22).
9.1.17
OCD_TH
The OCD_TH register contains the overcurrent threshold value (see Section 6.9). The
available range is from 375 mA to 6 A, in steps of 375 mA, as shown in Table 15.
9.1.18
STALL_TH
The STALL_TH register contains the stall detection threshold value (see Section 7.2). The
available range is from 31.25 mA to 4 A with a resolution of 31.25 mA.
11
10
1.4375
1
1
1
1
1.46875
Table 13.
Winding resistance thermal drift compensation coefficient (continued)
K_THERM [3..0]
Compensation coeff.
Table 14.
ADC_OUT value and motor supply voltage compensation feature
VS
VADCIN/VREG
ADC_OUT
[4..0]
Compensation
coefficient
Greater than VS,nom + 50%
> 24/32
1
1
X
X
X
0.65625
VS,nom + 50%
24/32
1
1000
0.65625
VS,nom
16/32
1
0000
1
VS,nom – 50%
8/32
0
1000
1.968875
Lower than VS,nom – 50%
< 8/32
0
0
X
X
X
1.968875
Table 15.
Overcurrent detection threshold
OCD_TH [3..0]
Overcurrent detection threshold
00
00
375 mA
00
01
750 mA
…
………
…
1
1
1
0
5.625 A
11
11
6 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com