Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6470
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6470 Datasheet HTML 8Page - STMicroelectronics L6470 Datasheet HTML 9Page - STMicroelectronics L6470 Datasheet HTML 10Page - STMicroelectronics L6470 Datasheet HTML 11Page - STMicroelectronics L6470 Datasheet HTML 12Page - STMicroelectronics L6470 Datasheet HTML 13Page - STMicroelectronics L6470 Datasheet HTML 14Page - STMicroelectronics L6470 Datasheet HTML 15Page - STMicroelectronics L6470 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
Electrical characteristics
L6470
12/70
Doc ID16737 Rev 4
tf
Fall time (3)
POW_SR = '00'; Iout = +1 A
90
ns
POW_SR = '00'; Iout = -1 A
110
POW_SR = '11', Iout = ±1 A
110
POW_SR = '10', Iout = ±1 A
260
POW_SR = '01', Iload= ±1 A
375
SRout_r
Output rising slew rate
POW_SR = '00', Iout = +1 A
285
V/µs
POW_SR = '00', Iout = -1 A
360
POW_SR = '11', Iout = ±1 A
285
POW_SR = '10', Iout = ±1 A
150
POW_SR = '01', Iout = ±1 A
95
SRout_f
Output falling slew rate
POW_SR = '00', Iout = +1 A
320
V/µs
POW_SR = '00', Iout = -1 A
260
POW_SR = '11', Iout = ±1 A
260
POW_SR = '10', Iout = ±1 A
110
POW_SR = '01', Iout = ±1 A
75
Deadtime and blanking
tDT
Deadtime (1)
POW_SR = '00'
250
ns
POW_SR = '11',
fOSC = 16 MHz
375
POW_SR = '10',
fOSC = 16 MHz
625
POW_SR = '01',
fOSC = 16 MHz
875
tblank
Blanking time (1)
POW_SR = '00'
250
ns
POW_SR = '11',
fOSC = 16 MHz
375
POW_SR = '10',
fOSC = 16 MHz
625
POW_SR = '01',
fOSC = 16 MHz
875
Source-drain diodes
VSD,HS
High-side diode forward ON voltage
Iout = 1 A
1
1.1
V
VSD,LS
Low-side diode forward ON voltage
Iout = 1 A
1
1.1
V
trrHS
High-side diode reverse recovery time
Iout = 1 A
30
ns
trrLS
Low-side diode reverse recovery time
Iout = 1 A
100
ns
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min. Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com