Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER26
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER26 Datasheet HTML 2Page - STMicroelectronics VIPER26 Datasheet HTML 3Page - STMicroelectronics VIPER26 Datasheet HTML 4Page - STMicroelectronics VIPER26 Datasheet HTML 5Page - STMicroelectronics VIPER26 Datasheet HTML 6Page - STMicroelectronics VIPER26 Datasheet HTML 7Page - STMicroelectronics VIPER26 Datasheet HTML 8Page - STMicroelectronics VIPER26 Datasheet HTML 9Page - STMicroelectronics VIPER26 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical data
VIPER26
6/25
Doc ID 17736 Rev 2
4.3
Electrical characteristics
(TJ = -25 to 125 °C, VDD = 14 V
(a); unless otherwise specified)
a.
Adjust VDD above VDDon startup threshold before setting to 14 V
Table 6.
Power section
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VBVDSS
Break-down voltage
IDRAIN = 1 mA,
VCOMP = GND, TJ = 25 °C
800
V
IOFF
OFF state drain current
VDRAIN = max rating,
VCOMP = GND
60
µA
RDS(on)
Drain-source on state
resistance
IDRAIN = 0.2 A, TJ = 25 °C
7
Ω
IDRAIN = 0.2 A, TJ = 125 °C
14
Ω
COSS
Effective (energy related)
output capacitance
VDRAIN = 0 to 640 V
40
pF
Table 7.
Supply section
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Voltage
VDRAIN_START
Drain-source start voltage
60
80
100
V
IDDch1
Charging current during the
start up
VDRAIN = 100 V to 640 V,
VDD = 4 V
-0.6
-1.8
mA
IDDch2
Charging current during the
autorestart
VDRAIN = 100 V to 640 V,
VDD = 9 V falling edge
-7
-13
mA
VDD
Operating voltage range
11.5
23.5
V
VDDclamp
VDD clamp voltage
IDD = 15 mA
23.5
V
VDDon
VDD start up threshold
12
13
14
V
VDDCSon
VDD on internal high voltage
current generator threshold
9.5
10.5
11.5
V
VDDoff
VDD under voltage shutdown
threshold
78
9
V
Current
IDD0
Operating supply current, not
switching
FOSC = 0 kHz,
VCOMP = GND
0.6
mA
IDD1
Operating supply current,
switching
VDRAIN = 120 V,
FSW = 60 kHz
2.5
mA
VDRAIN = 120 V,
FSW = 115 kHz
3.5
mA
IDDoff
Operating supply current with
VDD < VDDoff
VDD < VDDoff
0.35
mA
IDDol
Open loop failure current
threshold
VDD = VDDclamp
VCOMP = 3.3 V,
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com