Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER26
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26 Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER26 Datasheet HTML 1Page - STMicroelectronics VIPER26 Datasheet HTML 2Page - STMicroelectronics VIPER26 Datasheet HTML 3Page - STMicroelectronics VIPER26 Datasheet HTML 4Page - STMicroelectronics VIPER26 Datasheet HTML 5Page - STMicroelectronics VIPER26 Datasheet HTML 6Page - STMicroelectronics VIPER26 Datasheet HTML 7Page - STMicroelectronics VIPER26 Datasheet HTML 8Page - STMicroelectronics VIPER26 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
September 2010
Doc ID 17736 Rev 2
1/25
25
VIPER26
Fixed frequency VIPerTM plus family
Features
■ 800 V avalanche rugged power section
■ PWM operation with frequency jittering for low
EMI
■ Operating frequency:
– 60 kHz for L type
– 115 kHz for H type
■ Standby power < 50 mW at 265 VAC
■ Limiting current with adjustable set point
■ On-board soft-start
■ Safe auto-restart after a fault condition
■ Hysteretic thermal shutdown
Application
■ Auxiliary power supply for appliances
■ Power metering
■ LED drivers
■ SMPS for set-top boxes, DVD players and
recorders
Description
The device is an off-line converter with an 800 V
avalanche ruggedness power section, a PWM
controller, user defined overcurrent limit,
protection against feedback network
disconnection, hysteretic thermal protection, soft
start up and safe auto restart after any fault
condition.
Advance frequency jittering reduces EMI filter
cost. Burst mode operation and the devices very
low consumption both help to meet the standard
set by energy saving regulations.
Figure 1.
Typical topology (VOUT
≤V
DDCSon)
DIP-7
SO-16
SO16 narrow
VIPER26
DRAIN
COMP
GND
FB
LIM
VDD
VIPER26
DRAIN
COMP
GND
FB
LIM
VDD
DC Output Voltage
-
DC Input Voltage
Table 1.
Device summary
Order codes
Package
Packaging
VIPER26LN
DIP-7
Tube
VIPER26HN
VIPER26HD
SO16 narrow
Tube
VIPER26HDTR
Tape and reel
VIPER26LD
Tube
VIPER26LDTR
Tape and reel
www.st.com


Similar Part No. - VIPER26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER265KDTR STMICROELECTRONICS-VIPER265KDTR Datasheet
1Mb / 28P
1050 V high voltage converter for ultra-wide input
23-Apr-2019
VIPER267KDTR STMICROELECTRONICS-VIPER267KDTR Datasheet
1Mb / 28P
1050 V high voltage converter for ultra-wide input
23-Apr-2019
VIPER26K STMICROELECTRONICS-VIPER26K Datasheet
1Mb / 28P
1050 V high voltage converter for ultra-wide input
23-Apr-2019
More results

Similar Description - VIPER26

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1529DR-00A MPS-EV1529DR-00A Datasheet
202Kb / 4P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash Evaluation Board
MP1529 MPS-MP1529 Datasheet
306Kb / 11P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
logo
STMicroelectronics
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
Fixed frequency VIPerTM plus family
10-Oct-2011
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
VIPerPlus family: fixed frequency offline converter
17-Feb-2012
VIPER06 STMICROELECTRONICS-VIPER06 Datasheet
999Kb / 28P
Fixed-frequency VIPer plus family
08-Mar-2012
logo
Analog Devices
HMC650 AD-HMC650 Datasheet
476Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY
logo
STMicroelectronics
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
Demonstration board based on VIPer06 from the fixed-frequency VIPer™ plus family
June 2013 Rev 1
VIPER16 STMICROELECTRONICS-VIPER16 Datasheet
1Mb / 30P
Fixed frequency VIPer™ plus family
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com