Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER26
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26 Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER26 Datasheet HTML 1Page - STMicroelectronics VIPER26 Datasheet HTML 2Page - STMicroelectronics VIPER26 Datasheet HTML 3Page - STMicroelectronics VIPER26 Datasheet HTML 4Page - STMicroelectronics VIPER26 Datasheet HTML 5Page - STMicroelectronics VIPER26 Datasheet HTML 6Page - STMicroelectronics VIPER26 Datasheet HTML 7Page - STMicroelectronics VIPER26 Datasheet HTML 8Page - STMicroelectronics VIPER26 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
VIPER26
Electrical data
Doc ID 17736 Rev 2
5/25
4
Electrical data
4.1
Maximum ratings
4.2
Thermal data
Table 4.
Absolute maximum ratings
Symbol
Pin
(DIP-7)
Parameter
Value
Unit
Min
Max
VDRAIN
7, 8
Drain-to-source (ground) voltage
800
V
EAV
7, 8
Repetitive avalanche energy (limited by TJ = 150 °C)
5
mJ
IAR
7, 8
Repetitive avalanche current (limited by TJ = 150 °C)
1.5
A
IDRAIN
7, 8
Pulse drain current (limited by TJ = 150 °C)
3
A
VCOMP
5
Input pin voltage
-0.3
3.5
V
VFB
4
Input pin voltage
-0.3
4.8
V
VLIM
3
Input pin voltage
-0.3
2.4
V
VDD
2
Supply voltage
-0.3
Self
limited
V
IDD
2
Input current
20
mA
PTOT
Power dissipation at TA < 40 °C (DIP-7)
1
W
Power dissipation at TA < 60 °C (SO16N)
1.5
W
TJ
Operating junction temperature range
-40
150
°C
TSTG
Storage temperature
-55
150
°C
Table 5.
Thermal data
Symbol
Parameter
Max value
Unit
SO16N
DIP-7
RthJP
Thermal resistance junction pin
(Dissipated power = 1 W)
25
35
° C/W
RthJA
Thermal resistance junction ambient
(Dissipated power = 1 W)
60
100
° C/W
RthJA
Thermal resistance junction ambient (1)
(Dissipated power = 1 W)
1.
When mounted on a standard single side FR4 board with 100 mm2 (0.155 sq in) of Cu (35
µm thick)
50
80
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com