Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC123F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC123F
Description  European Safety Standard Approved Type Long Creepage Distance Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123F Datasheet(HTML) 1 Page - Sharp Corporation

  PC123F Datasheet HTML 1Page - Sharp Corporation PC123F Datasheet HTML 2Page - Sharp Corporation PC123F Datasheet HTML 3Page - Sharp Corporation PC123F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
3. High collector-emitter voltage
2. OA equipment
PC123/PC123F
PC123/PC123F
s Features
(Unit : mm )
s Applications
(Ta = 25˚C )
Creepage distance
Space distance
PC123
PC123F
8mm or more
8mm or more
Symbol
Ratings
Unit
Input
IF
50
mA
I FM
1A
V R
6V
P70
mW
Output
V CEO
70
V
V ECO
6V
Collector current
IC
50
mA
P C
150
mW
V iso
5
Operating temperature
T opr
- 30 to + 100
˚C
T stg
- 55 to + 125
˚C
P tot
200
mW
T sol
260
˚C
Reverse voltage
Collector-emitter voltage
Anode mark
Internal connection diagram
1
2
4
3
1 Anode
2 Cathode
3 Emitter
4 Collector
1
2
4
3
Epoxy resin
PC123
PC123
3
4
2
1
4 Collector
3 Emitter
2 Cathode
1 Anode
3
4
2
1
diagram
Internal connection
Anode mark
Epoxy resin
s Outline Dimensions
European Safety Standard
Approved Type Long Creepage
Distance Photocoupler
1. Conform to European Safety Standard
2. Internal isolation distance : 0.4mm or more
( VCEO : 70V)
1. Power supplies
s Absolute Maximum Ratings
Parameter
Forward current
*1Peak forward current
Power dissipation
Total power dissipation
*2 Isolation voltage
Storage temperature
*3 Soldering temperature
*2 AC for 1 minute, 40 to 60% RH
*3 For 10 seconds
*1 Pulse width <= 100
µ s, Duty ratio : 0.001
PC123
PC123F
Emitter-collector voltage
Collector power dissipation
6.4mm or more
6.4mm or more
kV rms
6.5 ± 0.3
7.62 ± 0.3
4.58 ± 0.3
0.26 ± 0.1
0.5 ± 0.1
0.5 ± 0.1
0.26 ± 0.1
4.58 ± 0.3
7.62 ± 0.3
6.5 ± 0.3
10.16 ± 0.5
g DIN-VDE0884 approved type ( PC123Y/PC123FY ) is also available as an option.
4. Long creepage distance type
5. Recognized by UL (No. E64380)
Recognized by CSA (No. CA95323)
Approved by VDE ( DIN-VDE83601 )
Approved by BSI
Approved by SEMCO ( No. 9216212 )
Approved by DEMCO ( No. 108954 )
Approved by NEMKO ( No. 199438181 )
Approved by EI ( No. 155030 )
( BS415 No. 7087, BS7002 No. 7409 )


Similar Part No. - PC123F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123F02J00F SHARP-PC123F02J00F Datasheet
294Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123FJ0000F SHARP-PC123FJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
More results

Similar Description - PC123F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC512 SHARP-PC512 Datasheet
57Kb / 4P
European Safety Standard Approved Long Creepage Distance Type Photocoupler
PC905 SHARP-PC905 Datasheet
84Kb / 6P
Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
S21ME SHARP-S21ME Datasheet
82Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC511 SHARP-PC511 Datasheet
257Kb / 4P
Long Creepage Dlstance Type Photocoupler
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com