Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC905 Datasheet (PDF) - Sharp Corporation

PC905 Datasheet PDF - Sharp Corporation
Part # PC905
Download  PC905 Download
File Size   84.08 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit

PC905 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC905 Datasheet PDF - Sharp Corporation

Part # PC905
Download  PC905 Click to download

File Size   84.08 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit

PC905 Datasheet (HTML) - Sharp Corporation


PC905 Product details

■ Features
1. Built-in voltage deviation detection circuit
2. Long creepage distance type
   (Creepage distance : 8mm or more )
3. Conforms to European Safety Standard
   (Internal insulation distance : 0.5mm or more)
4. High collector-emitter voltage(VCEO : 70V)
5. High isolation voltage between input and output ( Viso : 5 000Vrms )
6. Recognized by UL, file No. E64380
   Approved by SEMKO No. 963501101
   Approved by DEMKO No. 392592
   Approved by BSI (BS415 : No. 6990, BS7002 : No. 7567)

■ Applications
1. Switching power supplies




Similar Part No. - PC905

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900 SHARP-PC900 Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900 SHARP-PC900 Datasheet
752Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC900V0NIPX SHARP-PC900V0NIPX Datasheet
264Kb / 16P
Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
More results


Similar Description - PC905

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC512 SHARP-PC512 Datasheet
57Kb / 4P
European Safety Standard Approved Long Creepage Distance Type Photocoupler
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC511 SHARP-PC511 Datasheet
257Kb / 4P
Long Creepage Dlstance Type Photocoupler
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
Built-in high-precision voltage detection circuit built-in MOSFET
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com