Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC905 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC905
Description  Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC905 Datasheet(HTML) 4 Page - Sharp Corporation

  PC905 Datasheet HTML 1Page - Sharp Corporation PC905 Datasheet HTML 2Page - Sharp Corporation PC905 Datasheet HTML 3Page - Sharp Corporation PC905 Datasheet HTML 4Page - Sharp Corporation PC905 Datasheet HTML 5Page - Sharp Corporation PC905 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PC905
0
300
0
25
50
75
100
85
600
200
100
500
400
350
0
50
100
150
0
20
40
60
80
100
Fig.11 Relative Current Transfer Ratio vs.
Ambient Temperature
20
0
40
60
80
5
5
5
5
5
5
100
Fig.12 Collector Dark Current vs.
Ambient Temperature
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
-25
85
0
03
10
20
30
40
50
12
Reference voltage V REF (V)
Voltage
0
03
200
400
600
800
12
Reference voltage V REF (V)
Voltage
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Fig.10 Power Dissipation vs. Ambient
Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
V CE = 20V
V K =VREF
IA = 10mA
V CE =5V
V K =VREF
T a = 25˚C
Fig. 9 Collector Power Dissipation vs.
-25
-30
-20
Fig.13-a Anode Current vs. Reference
Fig.13-b Anode Current vs. Reference
VK =VREF
T a = 25˚C
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -5
1 200
1 000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com