Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC905 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC905
Description  Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC905 Datasheet(HTML) 1 Page - Sharp Corporation

  PC905 Datasheet HTML 1Page - Sharp Corporation PC905 Datasheet HTML 2Page - Sharp Corporation PC905 Datasheet HTML 3Page - Sharp Corporation PC905 Datasheet HTML 4Page - Sharp Corporation PC905 Datasheet HTML 5Page - Sharp Corporation PC905 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC905
*2 For 10 seconds
s Features
s Applications
1. Switching power supplies
1. Built-in voltage deviation detection circuit
2. Long creepage distance type
3. Conforms to European Safety Standard
4. High collector-emitter voltage( VCEO : 70V)
5. High isolation voltage between input and
( Creepage distance : 8mm or more )
( Internal insulation distance : 0.5mm or
more)
output ( Viso
rms )
s Absolute Maximum Ratings
PC905
( Ta = 25˚C)
Anode mark
Internal
connection diagram
PC905
( Unit : mm)
s Outline Dimensions
Parameter
Input
Symbol
Rating
Unit
Anode current
IA
50
mA
Anode voltage
V A
30
V
Reference input current
I REF
10
mA
Power dissipation
P
250
mW
Output
Collector-emitter voltage
V CEO
70
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
350
mW
*1Isolation voltage
V iso
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 125
˚C
*2Soldering temperature
T sol
260
˚C
g Lead forming type ( I type ) is also available. (PC905I
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
6. Recognized by UL, file No. E64380
1
234
5
7
8
6
1
23
4
5
6
7
8
1 Anode
2 Cathode
3 GND
4 Reference
5 NC
6 Emitter
7 Collector
8 NC
: 5 000V
Approved by SEMKO No. 963501101
Approved by DEMKO No. 392592
Approved by BSI (BS415 : No. 6990, BS7002 : No. 7567)
5 000
*1 40 to 60% RH, AC for 1 minute
Long Creepage Distance
Voltage Detection Circuit
Photocoupler with Built-in
)
V rms
1.2 ± 0.3
0.85 ± 0.3
9.66 ± 0.5
0.5 ± 0.1
2.54 ± 0.25
7.62 ± 0.3
0.26 ± 0.1
10.16 ± 0.5
gg TUV ( DIN-VDE0884 ) approved type is also available as an option.
..


Similar Part No. - PC905

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900 SHARP-PC900 Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900 SHARP-PC900 Datasheet
752Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC900V0NIPX SHARP-PC900V0NIPX Datasheet
264Kb / 16P
Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
More results

Similar Description - PC905

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC512 SHARP-PC512 Datasheet
57Kb / 4P
European Safety Standard Approved Long Creepage Distance Type Photocoupler
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC511 SHARP-PC511 Datasheet
257Kb / 4P
Long Creepage Dlstance Type Photocoupler
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
Built-in high-precision voltage detection circuit built-in MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com