Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC905 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC905
Description  Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC905 Datasheet(HTML) 2 Page - Sharp Corporation

  PC905 Datasheet HTML 1Page - Sharp Corporation PC905 Datasheet HTML 2Page - Sharp Corporation PC905 Datasheet HTML 3Page - Sharp Corporation PC905 Datasheet HTML 4Page - Sharp Corporation PC905 Datasheet HTML 5Page - Sharp Corporation PC905 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PC905
*5 CTR = I C / I A x 100 (% )
s Test Circuit
Fig. 1
6
7
2
1
4
3
V
V
A
3
4
1
2
7
6
23
34
IA
VCC
VK
VF
VREF
VK : Voltage between terminals
and
VREF : Voltage between terminals
and
IA
VCC
VA
R1
R2
VREF
*3 V REF (dev ) =VREF (MAX.) -VREF (MIN. )
*4 I REF (dev) =IREF (MAX.) -IREF (MIN. )
( Ta = 25˚C unless otherwise specified. )
Fig. 2
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Fig.
Input
Reference voltage
V REF
V K =V REF , I A = 10mA
2.40
2.495
2.60
V
1
reference voltage
*3
Temperature change in
V REF (dev)
V K =V REF , I A = 10mA,
Ta = - 25 to + 85˚C
-
8
40
mV
1
Voltage variation ratio
in reference voltage
∆V REF / ∆VA IA = 10mA, ∆ VA = 30V- VREF
-
- 1.4
- 5
mV/V
2
Reference input current
I REF
IA = 10mA, R 3 = 10k
-2
10
µ A3
reference input current
*4
Temperature change in
I REF (dev)
IA = 10mA, R 3 = 10k
Ω,
Ta = - 25 to + 85˚C
-
0.4
3
µ A3
Minimum drive current
I MIN
V K =V REF
-1
2
mA
1
I OFF
-
0.1
2
µ A4
Anode-cathode forward
voltage
V F
V K =V REF , I A = 10mA
-
1.2
1.4
V
1
Output
Collector dark current
ICEO
V CE = 20V
-
10 -9
10 -7
A5
Transfer
charac-
teristics
*5Current transfer ratio
CTR
VK =VREF , I A = 10mA, V CE =5V
40
-
320
%
6
Collector-emitter
saturation voltage
V CE(sat)
VK =V REF , I A = 20mA,
IC = 1mA
-
0.1
0.2
V
6
Isolation resistance
R ISO
5x 1010 1x 1011
-
Floating capacitance
Cf
-
0.6
1.0
pF
-
-
OFF-state anode current
VA = 30V, V REF = GND
40 to 60% RH, DC500V
V = 0, f = 1MHz
s Electro-optical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com