Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SF11 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3SF11
Description  Reinforced Insulation Type Phototriac Coupler for Triggering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SF11 Datasheet(HTML) 1 Page - Sharp Corporation

  PC3SF11 Datasheet HTML 1Page - Sharp Corporation PC3SF11 Datasheet HTML 2Page - Sharp Corporation PC3SF11 Datasheet HTML 3Page - Sharp Corporation PC3SF11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC3SF11YVZA/
PC3SF11YVZB
PC3SF11YVZA/PC3SF11YVZB
I Absolute Maximum Ratings
I Outline Dimensions
(Unit : mm)
*1 The derating factors of absolute maximum ratings due to ambient temperature are
shown in Fig.1, 2
*2 AC for 1 min, 40 to 60%RH, f
=60Hz
Parameter
Symbol
Rating
Unit
Forward current
IF
50
0.1
mA
Reverse voltage
RMS ON-state current
Repetitive peak OFF-state voltage
Peak one cycle surge current
Input
Output
VR
6V
A
V
Isurge
1.2 (50Hz sine wave)
600
A
VDRM
Viso (rms)
IT (rms)
kV
Isolation voltage
Operating temperature
Topr
−55 to +125
−30 to +100
°C
°C
Storage temperature
Tstg
*2
*1
*1
Soldering temperature
Tsol
260 (For 10s)
5
°C
(Ta
=25°C)
I Model Line-up
1. Home appliances
2. OA equipment, FA equipment
3. SSRs
I Features
I Applications
Reinforced Insulation Type
Phototriac Coupler for
Triggering
1. Isolation voltage between input and output (Viso (rms):5kV)
2. High critical rate of rise of OFF-state voltage
(dV/dt:MIN. 1 000V/
µs)
3. Internal isolation distance (0.4mm or more)
4. Recognized by UL (File No. E64380)
Approved by VDE (VDE0884, File No.127413)
Approved by BSI (BS415, File No.6690,
BS7002, File No.7421)
Approved by SEMKO (File No.0033029/01-04)
Approved by DEMKO (File No.310107-01)
Approved by FIMKO (File No.15795)
❈ PC3SF11YVZA, PC3SF11YVZB are for 200V line
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
7.12±
0.3
0.5±
0.1
Internal connection
diagram
Anode
mark
3SF11
0.6±
0.2
1.2±
0.3
2.54±
0.25
7.62±
0.3
1
2
3
6
5
4
NC
1
2
3
10.16±
0.5
Anode
Cathode
NC
Anode, Cathode
No external connection
Anode, Cathode
1
2
3
4
5
6
❈ Pin
is not allowed external connection
5
Minimum trigger current (IFT[MAX.])
for AC 200V line
10mA
7mA
PC3SF11YVZA
PC3SF11YVZB


Similar Part No. - PC3SF11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SF11YTZ SHARP-PC3SF11YTZ Datasheet
295Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZA SHARP-PC3SF11YTZA Datasheet
295Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZAF SHARP-PC3SF11YTZAF Datasheet
295Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZB SHARP-PC3SF11YTZB Datasheet
295Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results

Similar Description - PC3SF11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SD21NTZB SHARP-PC3SD21NTZB Datasheet
59Kb / 5P
Phototriac Coupler for Triggering
PC3SF11YVZ SHARP-PC3SF11YVZ_04 Datasheet
295Kb / 15P
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZ SHARP-PC3SF21YVZ Datasheet
297Kb / 15P
VDRM : 600V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
PC4SF11YVZ SHARP-PC4SF11YVZ Datasheet
296Kb / 15P
VDRM : 800V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF21YVZ SHARP-PC4SF21YVZ Datasheet
300Kb / 15P
VDRM : 800V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
PC1S3021NTZF SHARP-PC1S3021NTZF Datasheet
173Kb / 14P
Phototriac Coupler for triggering
PC3SF11YVZAF SHARP-PC3SF11YVZAF Datasheet
295Kb / 15P
600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZBF SHARP-PC3SF21YVZBF Datasheet
297Kb / 15P
Phototriac Coupler for triggering
PC3ST11NSZAF SHARP-PC3ST11NSZAF Datasheet
305Kb / 15P
Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com