Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SF11 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC3SF11
Description  Reinforced Insulation Type Phototriac Coupler for Triggering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SF11 Datasheet(HTML) 3 Page - Sharp Corporation

  PC3SF11 Datasheet HTML 1Page - Sharp Corporation PC3SF11 Datasheet HTML 2Page - Sharp Corporation PC3SF11 Datasheet HTML 3Page - Sharp Corporation PC3SF11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC3SF11YVZA/PC3SF11YVZB
0.0001
0.01
1
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
0.1
0.001
VD
=600V
10
100
1 000
1
10
100
Forward current IF (mA)
VD
=6V
RL
=100Ω
Ta
=25˚C
Fig.7
Repetitive Peak OFF-state Current vs.
Ambient Temperature
Fig.8
Relative Repetitive Peak OFF-state
Voltage vs. Ambient Temperature
Fig.9
Turn-on Time vs. Forward Current
0.7
0.8
0.9
1
1.1
1.2
1.3
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
−40
0
−20
20
40
60
80
120
100
Ambient temperature Ta (˚C)
IT
=100mA
0.1
1
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD
=6V
Fig.5
ON-state Voltage vs. Ambient
Temperature
Fig.6
Holding Current vs. Ambient
Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com