Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SF11 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC3SF11
Description  Reinforced Insulation Type Phototriac Coupler for Triggering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SF11 Datasheet(HTML) 2 Page - Sharp Corporation

  PC3SF11 Datasheet HTML 1Page - Sharp Corporation PC3SF11 Datasheet HTML 2Page - Sharp Corporation PC3SF11 Datasheet HTML 3Page - Sharp Corporation PC3SF11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC3SF11YVZA/PC3SF11YVZB
Parameter
Conditions
Input
Forward voltage
IF
=20mA
ON-state voltage
Output
VD
=6V
Critical rate of rise of OFF-state voltage
VD
=1/√−2 • VDRM
Transfer
charac-
teristics
Minimum trigger current
VD
=6V, RL=100Ω
VD
=6V, RL=100Ω, IF=20mA
MIN.
−
−
0.1
1 000
5
×1010
TYP.
1.2
−
−
1011
MAX.
1.4
2.5
3.5
2 000
−
−
Holding current
Symbol
VF
VT
IH
dV/dt
IFT
Isolation resistance
RISO
IT
=0.1A
Unit
V
Reverse current
VR=3V
VD=VDRM
IR
Repetitive peak OFF-state current
IDRM
mA
−−
10−5
A
−−
10−6
A
V/
µs
−
−
10
−
−
7
mA
Ω
V
(Ta
=25˚C)
Turn-on time
−−
100
ton
µs
PC3SF11YVZA
PC3SF11YVZB
DC
=500V, 40 to 60%RH
I Electro-optical Characteristics
1
2
5
10
0.9
1.1
1
1.2
1.3
1.4
1.5
20
50
100
Forward voltage VF (V)
Ta=75˚C
50˚C
25˚C
0˚C
−25˚C
0
1
2
3
4
5
6
7
8
9
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD
=6V
RL
=100Ω
Fig.3
Forward Current vs. Forward Voltage
Fig.4
Minimum Trigger Current vs. Ambient
Temperature
0
25
50
75
100
125
150
175
−30 −20 −10 0 102030405060708090 100
Ambient temperature Ta (˚C)
0
10
20
30
40
50
60
70
−30 −20 −10 0 102030405060708090 100
Ambient temperature Ta (˚C)
Fig.1
RMS ON-state Current vs. Ambient
Temperature
Fig.2
Forward Current vs. Ambient
Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com