Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC401 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC401
Description  Compact, Surface Mount Type OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC401 Datasheet(HTML) 2 Page - Sharp Corporation

  PC401 Datasheet HTML 1Page - Sharp Corporation PC401 Datasheet HTML 2Page - Sharp Corporation PC401 Datasheet HTML 3Page - Sharp Corporation PC401 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC401
FHL represents forward current when output gose from high to low.
FLH represents forward current when output goes from low to high.
FHL /I FLH .
0.1
µ F
5V
280
Amp.
Voltage regulator
47
1.5V
tr = tf = 0.01 µ s
ZO = 50 Ω
VIN
VIN
VO
tPLH
tPHL
tr
tf
VOH
VOL
90%
50%
10%
VO
Hysteresis
I FHL /I FLH
V CC = 5V,R L = 280
0.5
0.7
0.9
R ISO
Ta = 25˚C,DC500V,40 to 60% RH
5 x 1010
1011
-
t PHL
Ta = 25˚C,V CC =5V
RL = 280
Ω ,IF = 4mA
-2
6
µ s
t PLH
-1
3
tf
-
0.05
0.5
t r
-
0.1
0.5
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 4mA
-
1.1
1.4
V
IF = 0.3mA
0.7
1.0
-
Reverse current
IR
Ta = 25˚C,V R
--
10
µ A
Terminal capacitance
Ct
Ta = 25˚C,V = 0,f = 1kHz
-
30
250
pF
Output
Operating supply voltage
V CC
3
-
15
V
Low level output voltage
V OL
IF = 0,V CC = 5V,I OL = 16mA
-
0.2
0.4
V
High level output current
I OH
IF = 4mA,V CC =V O = 15V
-
-
100
µ A
Low level supply current
ICCL
IF = 0,V CC = 5V
-
2.5
5.0
mA
High level supply current
I CCH
IF = 4mA,V CC = 5V
-
2.7
5.5
mA
“H
→L” threshold
input current
I FHL
Ta = 25˚C,V CC = 5V,R L = 280
0.4
0.8
-
mA
VCC = 5V,R L = 280
0.3
-
-
“L
→H” threshold
input current
I FLH
Ta = 25˚C,V CC = 5V,R L = 280
-
1.1
2.0
mA
VCC = 5V,R L = 280
-
-
4.0
s Electro-optical Characteristics
Isolation resistance
Fall time
Rise time
( Ta = 0 to + 70˚C unless otherwise specified. )
“H
→L” propagation
delay time
“L
→H” propagation
delay time
Test Circuit for Response Time
=3V
*3
*4
*5
Transfer
charac-
teristics
0
200
100
150
100
50
0
255075
130
85
Ambient temperature T a (˚C)
10
20
60
50
40
30
0
- 25
0
25
50
75
100
85
Ambient temperature T a (˚C)
Fig. 1 Forward Current vs. Ambient Temperature
Fig. 2 Power Dissipation vs. Ambient Temperature
-25
P tot
P O
*3 I
*4 I
*5 Hysteresis stands for I
*6 Test circuit for response time is shown below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com