Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC401 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC401
Description  Compact, Surface Mount Type OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC401 Datasheet(HTML) 4 Page - Sharp Corporation

  PC401 Datasheet HTML 1Page - Sharp Corporation PC401 Datasheet HTML 2Page - Sharp Corporation PC401 Datasheet HTML 3Page - Sharp Corporation PC401 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.05
0.5
1
2
- 25
0
25
50
75
100
0.2
0.1
Fig. 9 High Level Output Current vs.
Ambient Temperature
0
1
2
9
48
18
012
5
4
3
6
7
8
10
14
6
2
25˚C
85˚C
16
Supply voltage V CC (V)
- 25˚C
Forward current I F ( mA )
0
1
2
3
5
6
10
20
30
40
60
050
4
Fig.11 Propagation Delay Time vs.
Forward Current
0
0.1
0.2
0.5
1
2
5
10
20
0.2
0.3
0.4
0.5
0.6
L ( k Ω )
Fig.12 Rise Time, Fall Time vs.
PC401
Fig.10 Supply Current vs.
Supply Voltage
Ambient temperature T a (˚C)
s Preautions for Use
GND near the device in order to stabilize power supply line.
( 2) Handle this product the same as with other integrated circuits against static electricity.
( 3) As for other general cautions, refer to the chapter “ Precautions for Use ”
( 1) It is recommended that a by-pass capacitor of more than 0.01
µ F is added between V
cc
and
IF = 4mA
VCC =VO = 15V
T a =
ICCH
ICCL
ICCH
ICCL
ICCH
ICCL
t f
t r
VCC =5V
IF = 4mA
Ta = 25˚C
t PLH
t PHL
VCC =5V
RL = 280 Ω
Ta = 25˚C
Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com