Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC401 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC401
Description  Compact, Surface Mount Type OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC401 Datasheet(HTML) 1 Page - Sharp Corporation

  PC401 Datasheet HTML 1Page - Sharp Corporation PC401 Datasheet HTML 2Page - Sharp Corporation PC401 Datasheet HTML 3Page - Sharp Corporation PC401 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC401
PC401
s Features
1. Mini-flat package
2. “ High ” output during light emission
3. Isolation voltage between input and output
( Viso
rms )
s Applications
1. Hybrid substrate which requires high den-
sity mounting
2. Personal computers, office computers and
peripheral equipment
3. Electronic musical instruments
s Package Specifications
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Supply voltage
V CC
16
V
High level output voltage
V OH
16
V
Low level output current
IOL
50
mA
Power dissipation
P O
130
mW
Total power dissipation
P tot
150
mW
*1
Isolation voltage
V iso
V rms
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 125
˚C
*2
Soldering temperature
T sol
260
˚C
PC401
Anode mark
Voltage regulator
Internal connection
diagram
Amp.
Soldering area
( Unit : mm)
s Absolute Maximum Ratings
( Ta = 25˚C )
Model No.
PC401
PC401T
Taping package ( Net : 750pcs. )
PC401Z
Sleeve package ( Net : 100pcs. )
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
654
1
3
6
5
4
13
1 Anode
2 NC
3 Cathode
5 GND
6 ˚
C0.4
(Input side)
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
s Outline Dimensions
*1 AC for 1 minute, 40 to 60% RH
*2 For 10 seconds
4. TTL and LSTTL compatible output
5. Recognized by UL(No.64380)
: 3 750V
Package specifications
Compact, Surface Mount Type
OPIC Photocoupler
3 750
Taping package ( Net : 3 000pcs. )
Diameter of reel
Tape width
12mm
12mm
--
370mm
178mm
4 V O
6 VCC
1.27 ± 0.25
2.54 ± 0.25
0.4 ± 0.1
3.6 ± 0.3
5.3 ± 0.3
0.5
+ 0.4
- 0.2
7.0
+ 0.2
- 0.7


Similar Part No. - PC401

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
logo
Superworld Electronics
PC40-110 SUPERWORLD-PC40-110 Datasheet
111Kb / 1P
POWER TRANSFORMER
PC40-20 SUPERWORLD-PC40-20 Datasheet
111Kb / 1P
POWER TRANSFORMER
PC40-250 SUPERWORLD-PC40-250 Datasheet
111Kb / 1P
POWER TRANSFORMER
PC40-30 SUPERWORLD-PC40-30 Datasheet
111Kb / 1P
POWER TRANSFORMER
More results

Similar Description - PC401

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC400 SHARP-PC400 Datasheet
50Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC400TJ0000F SHARP-PC400TJ0000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
PC400J00000F SHARP-PC400J00000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com