Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC729 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC729
Description  Bi-directional Output Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC729 Datasheet(HTML) 1 Page - Sharp Corporation

  PC729 Datasheet HTML 1Page - Sharp Corporation PC729 Datasheet HTML 2Page - Sharp Corporation PC729 Datasheet HTML 3Page - Sharp Corporation PC729 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC729
PC729
s Features
s Applications
1. Telephone sets
*1 Pulse width <=100
µs, Duty ratio : 0.001
*3 For 10 seconds
PC729
diagram
Internal connection
connected
θ
*
θ
s Outline Dimensions
( Unit : mm )
s Absolute Maximum Ratings
(Ta = 25˚C)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
65
4
12
3
12
3
4
5
6
Bi-directional Output Type
Photocoupler
2. Measuring instruments
1. Bi-directional output type
2. High collector-emitter voltage ( VBR : 300V )
3. High collector output current ( IO : 150mA )
4. High isolation voltage between input and
*Terminal No. 5
represents NC terminal
when AC operated.
* 5 May not be externally
1 Anode
2 Anode, Cathode
3 Cathode
4 V O
6 V O
*2 40 to 60% RH, AC for 1 minute
Anode mark
(Sunken mark )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
30
mA
*1 Peak forward current
IFM
1A
Reverse voltage
VR
6V
Power dissipation
P 13
80
mW
Output
Breakdown voltage
VBR
300
V
Output current
IO
150
mA
Power dissipation
P 46
370
mW
Total power dissipation
P tot
400
mW
*2Isolation voltage
V iso
5 000
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 55 to+ 125
˚C
*3Soldering temperature
T sol
260
˚C
output ( Viso : 5 000Vrms )
Vrms
θ= 0 to 13 ˚
1.2 ± 0.3
9.22 ± 0.5
0.5 ± 0.1
2.54 ± 0.25
0.26 ± 0.1
7.62 ± 0.3


Similar Part No. - PC729

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC729C-1A-C-12C-N-X PICKER-PC729C-1A-C-12C-N-X Datasheet
303Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-12C-R-X PICKER-PC729C-1A-C-12C-R-X Datasheet
303Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-24C-N-X PICKER-PC729C-1A-C-24C-N-X Datasheet
303Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-24C-R-X PICKER-PC729C-1A-C-24C-R-X Datasheet
303Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
PC729C-1A-C-6C-N-X PICKER-PC729C-1A-C-6C-N-X Datasheet
303Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
More results

Similar Description - PC729

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC419K SHARP-PC419K Datasheet
29Kb / 3P
Compact Surface Mounted, Bi-directional Linear Output Type Photocoupler
PC716V SHARP-PC716V Datasheet
62Kb / 4P
High Sensitivity, High Output Type Photocoupler
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC219 SHARP-PC219 Datasheet
100Kb / 3P
MINI FLAT PACKAGE, BI DIRECTIONAL LINEAR OUTPUT TYPE PHOTOCOUPLER
PC942 SHARP-PC942 Datasheet
96Kb / 8P
High Power Output Type OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
Bi-directional
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com