Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC729 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC729
Description  Bi-directional Output Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC729 Datasheet(HTML) 2 Page - Sharp Corporation

  PC729 Datasheet HTML 1Page - Sharp Corporation PC729 Datasheet HTML 2Page - Sharp Corporation PC729 Datasheet HTML 3Page - Sharp Corporation PC729 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC729
s Electro-optical Characteristics
( Ta = 25˚C)
*4 Between terminals 1 and 2, and between terminals 2 and 3
10
20
60
50
40
30
0
100
75
50
25
0
-25
Fig. 1 Forward Current vs.
Ambient Temperature
0
400
300
200
100
0
255075
100
85
370
P tot
Fig. 3 Power Dissipation vs.
Ambient Temperature
Ambient temperature T a (˚C)
Duty ratio
Pulse width <=100
µs
5
10 -3
10 -2
10 -1
103
5
102
5
101
52
5
2
5
2
5
Fig. 4 Peak Forward Current vs. Duty Ratio
- 25
0
25
75
100
85
0
20
40
60
80
100
Fig. 2 Input Power Dissipation vs.
Ambient Temperature
Ambient temperature T a (˚C)
-25
Ambient temperature T a (˚C)
Ta = 25˚C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
*4
IF = 10mA
-
1.2
1.4
V
*4 Reverse current
V R =4V
-
-
10
µ A
*4 Terminal capacitance
V = 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
V 46 = 200V, I F =0
-
-
Breakdown voltage
IO = 0.1mA, I F = 0
300
-
-
V
Transfer
charac-
teristics
Output current
IF13 = 1mA, V 46 =3V
10
40
150
mA
ON-state voltage
IF13 = 20mA, I O = 100mA
-
1.8
2.4
V
Isolation resistance
5 x 1010
1011
-
Ω
Floating capacitance
V = 0, f = 1MHz
-
1.0
-
pF
Cut-off frequency
V 46
RL
= 3V, I O = 20mA
= 100
Ω, - 3dB
1
7
-
kHz
Response time
Rise time
V 46
RL
= 3V, I O = 20mA
= 100
Ω
-
50
300
µ s
-
20
100
µ s
Fall time
A
Forward voltage
V F
I R
Ct
Id
V BR
IO
V on
R ISO
Cf
f c
t r
t f
10 -6
DC500V, 40 to 60% RH
85
50
P46
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com