Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC729 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC729
Description  Bi-directional Output Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC729 Datasheet(HTML) 3 Page - Sharp Corporation

  PC729 Datasheet HTML 1Page - Sharp Corporation PC729 Datasheet HTML 2Page - Sharp Corporation PC729 Datasheet HTML 3Page - Sharp Corporation PC729 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC729
0
0.1
0.2
0.5
1
2
5
10
Forward current I F ( mA )
50
0
100
150
0
255075
100
Fig. 8 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig. 6 Current Transfer Ratio vs.
Forward Current
Ambient temperature T a (˚C)
25˚C
0˚C
0
1
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
50˚C
Fig. 5 Forward Current vs.
Forward Voltage
Forward voltage V F (V)
3
2.5
2
1.5
1
0.5
1
1.5
2
2.5
5
4
3
2
1
-1
-2
-3
-4
0
200
- 200
0
-5
Fig. 7 Output Current vs. Output Voltage
3.0
2.0
1.0
- 25
0
25
50
75
100
0
Fig. 9 ON-state Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
10 -6
10 -7
10 -8
10 -9
10 -10
125
100
75
50
25
0
10 -11
-25
Fig.10 Collector Dark Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
- 20˚C
Output voltage V46 (V)
-25
Ta = 75˚C
Ta = 25˚C
V46 =3V
Ta = 25˚C
IF = 3mA
IF = 0.5mA
I F13 = 1mA
V46 =3V
IO = 100mA
IF13 = 20mA
V46 = 200V
IF =0
1 000
2 000
3 000
4 000
5 000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com