Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC813 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC813
Description  AC Input Type & High Noise Reduction Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC813 Datasheet(HTML) 2 Page - Sharp Corporation

  PC813 Datasheet HTML 1Page - Sharp Corporation PC813 Datasheet HTML 2Page - Sharp Corporation PC813 Datasheet HTML 3Page - Sharp Corporation PC813 Datasheet HTML 4Page - Sharp Corporation PC813 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC813 Series
*1 Pulse width<=100
µs, Duty ratio : 0.001
*3 For 10 seconds
*4 Classification table of current transfer ratio is shown below
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
V F
IF = ± 20mA
-
1.2
1.4
V
V FM
IFM = ± 0.5A
-
-
3.0
V
Ct
V = 0, f = 1kHz
-
50
250
pF
Output
ICEO
V CE = 20V, I F =0
-
-
10 -7
A
Transfer
charac-
teristics
CTR
IF = ± 1mA, V CE = 5V
20
-
200
%
V CE(sat)
IF = ± 20mA, I C = 1mA
-
0.1
0.2
V
R ISO
5x 1010
1011
-
Ω
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
fc
VCE = 5V, I C = 2mA, R L = 100
Ω,-3dB
15
80
-
kHz
t r
V CE = 2V, I C = 2mA
-
4
18
µ s
tf
RL = 100
Ω
-5
20
µ s
CMH
V CM = 600V, I F
= 2V, R L = 1.9k
Ω,Vcc=5V
-2
-
CML
VCM = 600V, I F
= 0.8V, R L = 1.9k
Ω,Vcc=5V
-2
-
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
±50
mA
*1Peak forward current
I FM
±1
A
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
200
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
*3Soldering temperature
T stg
- 55 to + 125
˚C
T sol
260
˚C
Forward voltage
Peak forward voltage
Terminal capacitance
Collector dark current
*4
Collector-emitter saturation voltage
Isolation voltage
Floating capacitance
Cut-off frequency
*5Instantaneous common mode rejec-
tion voltage “ Output : high level ”
*5Instantaneous common mode rejec-
tion voltage “ Output : low level ”
Model No.
Rank Mark
CTR ( % )
PC813A
A
50 to 150%
PC823A
PC843A
PC813
A or no mark
20 to 200%
PC823
PC843
Response time
Rise time
Fall time
( Ta = 25˚C)
s Absolute Maximum Ratings
s Electro-optical Characteristics
Current transfer ratio
VO
VO
=0
= 16mA
kV/
µ s
kV/
µ s
5 000
*2 40 to 60% RH, AC for 1 minute
DC500V, 40 to 60% RH
(Ta = 25˚C )
V rms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com