Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC813 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC813
Description  AC Input Type & High Noise Reduction Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC813 Datasheet(HTML) 4 Page - Sharp Corporation

  PC813 Datasheet HTML 1Page - Sharp Corporation PC813 Datasheet HTML 2Page - Sharp Corporation PC813 Datasheet HTML 3Page - Sharp Corporation PC813 Datasheet HTML 4Page - Sharp Corporation PC813 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
0.1
200
1
10
50 100
180
160
140
120
100
80
60
40
20
Forward current I F ( mA )
0
50
100
150
0
20
40
60
80
100
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
0
-30
0.02
0
20406080
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
20
0
40
60
10
80
10
10
10
10
10
5
5
5
5
5
5
100
10
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
= 20V
0
0
25
12345
5
10
15
20
10
9
8
7
6
mA
20mA
10mA
5mA
1mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Collector-emitter voltage V
CE ( V )
( MAX. )
Fig. 5 Current Transfer Ratio vs.
Forward Current
L ( k Ω )
0.2
0.1
0.5
1
2
5
10
20
0.01
0.1
1
10
50
50
100
200
500
PC813 Series
-30
-30
-11
-10
-9
-8
-7
-6
-5
VCE =5V
Ta = 25˚C
Ta = 25˚C
IF = 20mA
IC = 1mA
t f
t r
t d
ts
V CE =2V
IC = 2mA
Ta = 25˚C
P C
IF =30
VCE
IF = 10mA
VCE =5V
Fig.10 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com