Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC813 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC813
Description  AC Input Type & High Noise Reduction Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC813 Datasheet(HTML) 1 Page - Sharp Corporation

  PC813 Datasheet HTML 1Page - Sharp Corporation PC813 Datasheet HTML 2Page - Sharp Corporation PC813 Datasheet HTML 3Page - Sharp Corporation PC813 Datasheet HTML 4Page - Sharp Corporation PC813 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC813 Series
PC813 Series
AC Input Type & High Noise
Reduction Type Photocoupler
s Features
2. Programmable controllers
3. System appliances, measuring instruments
4. Signal transmission between circuits of
s Outline Dimensions
( Unit : mm)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
θ
θ
θθ
θ
θ
PC843
Internal connection diagram
PC843
PC823
Internal connection diagram
PC823
PC813
Internal connection
diagram
12
3
4
12
3
4
Anode mark
1
Anode,
Cathode
2
Anode,
Cathode
3
Emitter
4
Collector
1234
5
6
7
8
1234
5
6
7
8
1 3 Anode,Cathode
2 4 Anode,Cathode
5 7 Emitter
6 8 Collector
12345678
9
12345678
9
11
1537
Anode, Cathode
2468
Anode, Cathode
9
Emitter
Collector
CTR
CTR rank mark
( CM H : TYP.2kV/
µ s)
2. AC input response
3. Compact dual-in-line package
PC813 (1ch ), PC823 (2ch ), PC843 (4ch)
5. Recognized by UL, file No. E64380
4. High isolation voltage between input and output
( Viso
1. Telephones (PC813 )
(PC823/PC843)
rank mark
rank mark
1. High instantaneous common mode rejection voltage
: 5 000V rms )
different potentials and impedances
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
4.58 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
θ = 0 to 13 ˚
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
9.66 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
θ = 0 to 13 ˚
0.9 ± 0.2
1.2 ± 0.3
2.54 ± 0.25
19.82 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13 ˚
s Applications
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
10
10
10


Similar Part No. - PC813

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC81.07.0100A.DB TAOGLAS-PC81.07.0100A.DB Datasheet
550Kb / 8P
compatible with hirose u.fl
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
High Speed Under High Load Resistance Photocoupler
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
logo
Taoglas antenna solutio...
PC81070100A TAOGLAS-PC81070100A Datasheet
550Kb / 8P
TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
logo
Sharp Corporation
PC81100NIP0F SHARP-PC81100NIP0F Datasheet
234Kb / 14P
DIP 4pin High Speed under High Load Resistance Photocoupler
More results

Similar Description - PC813

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
logo
Lite-On Technology Corp...
LTV-8141 LITEON-LTV-8141 Datasheet
668Kb / 5P
High Transfer Efficiency AC Input Type Photocoupler
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com