Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC829 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC829
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC829 Datasheet(HTML) 2 Page - Sharp Corporation

  PC829 Datasheet HTML 1Page - Sharp Corporation PC829 Datasheet HTML 2Page - Sharp Corporation PC829 Datasheet HTML 3Page - Sharp Corporation PC829 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC829 Series
( Ta = 25˚C)
0
-25
30
0
25
50
75
100
125
40
50
60
20
10
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
-25
Duty ratio
5
5
Ta = 25˚C
Pulse width <=100
µs
10
20
100
50
200
500
2
5
2
5
2
5
Fig. 3 Peak Forward Current vs. Duty Ratio
25˚C
0˚C
0
1
2
0.5
1.0
1.5
2.0
2.5
3.0
5
10
20
50
100
200
500
50˚C
Fig. 4 Forward Current vs. Forward Voltage
- 25˚C
Forward voltage V F (V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Peak forward voltage
V FM
IFM = 0.5A
-
-
3.0
V
Reverse current
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 20V, I F =0
-
10 -7
A
Transfer
charac-
teristics
Current transfer ratio
CTR
IF = 5mA, V CE = 5V
50
-
400
%
Collector-emitter saturation voltage
V CE(sat)
IF = 20mA, I C = 1mA
-
0.1
0.2
V
Isolation resistance
R ISO
5x 1010
1011
-
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Cut-off frequency
fc
VCE = 5V, I C = 2mA, R L = 100
Ω, - 3dB
-
80
-
kHz
Response time
Rise time
t r
VCE = 2V, I C = 2mA, R L = 100
-4
µ s
-3
µ s
Fall time
tf
-
-
-
Fig. 2 Collector Power Dissipation vs.
Ambient temperature T a (˚C)
DC500V, 40 to 60% RH
1
Ta = 75˚C
10 000
5 000
2 000
1 000
10 -3
10 -2
10 -1
s Electro-optical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com