Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC829 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC829
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC829 Datasheet(HTML) 3 Page - Sharp Corporation

  PC829 Datasheet HTML 1Page - Sharp Corporation PC829 Datasheet HTML 2Page - Sharp Corporation PC829 Datasheet HTML 3Page - Sharp Corporation PC829 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
1
200
2
5
10
20
50
160
120
80
40
20
60
100
140
180
Forward current I F ( mA )
@@100
0
50
150
0
25
50
75
100
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
0
0.02
-25
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
0
5
10
15
20
25
30
20mA
10mA
5mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Fig. 9 Collector Dark Current vs.
Fig. 5 Current Transfer Ratio vs.
Forward Current
Collector-emitter voltage VCE (V)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient Temperature
Ambient temperature T a (˚C)
0.2
0.1
0.5
1
2
0.1
1
10
5
10
20
50
100
200
500
L ( k Ω )
PC829 Series
VCE =5V
IF = 30mA
123456789
IF = 5mA
VCE =5V
-30
IF = 20mA
IC = 1mA
0
255075
100
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
-25
VCE = 20V
0
255075
100
VCE =2V
IC = 2mA
t r
t f
t s
t d
PC ( MAX. )
Ta = 25˚C
Ta = 25˚C
Ta = 25˚C
Fig.10 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com