Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC829 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC829
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC829 Datasheet(HTML) 1 Page - Sharp Corporation

  PC829 Datasheet HTML 1Page - Sharp Corporation PC829 Datasheet HTML 2Page - Sharp Corporation PC829 Datasheet HTML 3Page - Sharp Corporation PC829 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Photocoupler
PC829 Series
High Density Mounting Type
PC829 Series
s Features
1. Symmetrical terminal configuration
2. High current transfer ratio
s Applications
1. Telephone exchangers
2. Computer terminals
3. System appliances, measuring instruments
4. Signal transmission between circuits of
( CTR : MIN. 50% at IF = 5mA, VCE =5V)
different potentials and impedances
*1 Pulse width<=100
µs, Duty ratio : 0.001
*3 For 10 seconds
( Unit : mm )
s Outline Dimensions
s Absolute Maximum Ratings
Anode mark
θ
PC829
Internal connection
diagram
θ
PC829
PC849
θ
diagram
Internal connection
PC849
θ
Anode mark
Collector
Emitter
(Ta = 25˚C )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
IFM
1A
Reverse voltage
VR
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
P tot
170
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 25 to + 100
˚C
Storage temperature
T stg
- 40 to + 125
˚C
*3
T sol
260
˚C
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
12
3
4
5
6
7
8
12
34
5
6
7
8
1
4
Anode
2
3
Cathode
5
8
Emitter
6
7
Collector
12
34
56
7
8
9
12
34
56
78
9
1
4
5
8
Anode
2
3
6
7
Cathode
9
PC829 : 2-channel type
PC849 : 4-channel type
3. High isolation voltage between input and
output ( Viso
g TUV ( VDE0884 ) approved type is also available as an option.
4. Recognized by UL, file No. E64380
Soldering temperature
5 000
*2 40 to 60% RH, AC for 1 minute
: 5 000Vrms )
V rms
θ = 0 to 13 ˚
1.2 ± 0.3
0.9 ± 0.2
2.54 ± 0.25
9.66 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13 ˚
1.2 ± 0.3
0.9 ± 0.2
2.54 ± 0.25
19.82 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
0.5 ± 0.1
..
11
12
13
14
15
16
11
12
13
14
15
16
12
11
13
14
16
15
10
10
10


Similar Part No. - PC829

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC8210N LSTD-PC8210N Datasheet
415Kb / 1P
All-welded unit construction
PC8210N LSTD-PC8210N Datasheet
415Kb / 1P
No adjustments ever needed
logo
Picker Components
PC822 PICKER-PC822 Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
PC8221A-12A PICKER-PC8221A-12A Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
PC8221A-12A15 PICKER-PC8221A-12A15 Datasheet
215Kb / 2P
Miniature Automotive PCB Power Relay
More results

Similar Description - PC829

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
HIgh Density Mounting Type Photocoupler
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com