Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALHVLED805 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EVALHVLED805
Description  4.2 W off-line LED driver with primary side regulation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALHVLED805 Datasheet(HTML) 6 Page - STMicroelectronics

  EVALHVLED805 Datasheet HTML 1Page - STMicroelectronics EVALHVLED805 Datasheet HTML 2Page - STMicroelectronics EVALHVLED805 Datasheet HTML 3Page - STMicroelectronics EVALHVLED805 Datasheet HTML 4Page - STMicroelectronics EVALHVLED805 Datasheet HTML 5Page - STMicroelectronics EVALHVLED805 Datasheet HTML 6Page - STMicroelectronics EVALHVLED805 Datasheet HTML 7Page - STMicroelectronics EVALHVLED805 Datasheet HTML 8Page - STMicroelectronics EVALHVLED805 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Electrical schematic
EVALHVLED805
6/9
Doc ID 18457 Rev 1
Note:
If not otherwise specified, all resistors are 5%, ¼ W
Table 1.
Bill of material
Reference
Part
Description
Note
R1
22
Ω
1 W - Axial flame proof
R2
120 k
Ω
R3
33 k
Ω
R4
5.6 k
Ω
R5
10
Ω
R6
10 k
Ω
R7
3.3 k
Ω
1% tolerance
R8
10
Ω
1% tolerance
R9
100 k
Ω
C1, C2
2.2 µF
400 V electrolytic
C3
1 nF
500 V - XR7
C4
2.2 uF
35 V electrolytic
C5
1 nF
25 V
C6
470 nF
25 V
C7
4.7 nF
25 V
C8, C9
B41889A3108M
100 µF
16V electrolytic Rubycon ZLH
C10
Y1- Capacitor
2.2 nF
230V
D1
STTH1L06A
Ultra-fast high voltage diode
STMicroelectronics
D2
LL4148
Small signal diode
D3
STPS1H100A
Power schottky diode
STMicroelectronics
L1
B78108S1474J
470µH
axial inductor Epcos
BR
MB6S RC
Input bridge rectifier
TF
1921.0013 Rev.2
Flyback transformer
Magnetica
IC
HVLED805
Primary switching regulator
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com