Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALHVLED805 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVALHVLED805
Description  4.2 W off-line LED driver with primary side regulation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALHVLED805 Datasheet(HTML) 7 Page - STMicroelectronics

  EVALHVLED805 Datasheet HTML 1Page - STMicroelectronics EVALHVLED805 Datasheet HTML 2Page - STMicroelectronics EVALHVLED805 Datasheet HTML 3Page - STMicroelectronics EVALHVLED805 Datasheet HTML 4Page - STMicroelectronics EVALHVLED805 Datasheet HTML 5Page - STMicroelectronics EVALHVLED805 Datasheet HTML 6Page - STMicroelectronics EVALHVLED805 Datasheet HTML 7Page - STMicroelectronics EVALHVLED805 Datasheet HTML 8Page - STMicroelectronics EVALHVLED805 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EVALHVLED805
Electrical schematic
Doc ID 18457 Rev 1
7/9
Figure 11.
Transformer electrical scheme and dimensions
Table 2.
Transformer characteristics
Manufacturer
Magnetica
Part number
1921.0013 Rev. 2
Core
E13 – N87 (or equivalent)
Primary inductance
2.6mH ± 15%
Air gap
˜ 70 µm
Leakage inductance
1.42% nom
Primary to secondary turn ratio
7.68 ± 5% (123 : 14)
Primary to auxiliary turn ratio
5.59 ± 5% (123 : 19)
Primary saturation current
0.21AP max (BSAT=0.35 T)
Insulation primary-secondary
4 kV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com